Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 25 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 25 Page - Microchip Technology

Back Button EMC2113 Datasheet HTML 21Page - Microchip Technology EMC2113 Datasheet HTML 22Page - Microchip Technology EMC2113 Datasheet HTML 23Page - Microchip Technology EMC2113 Datasheet HTML 24Page - Microchip Technology EMC2113 Datasheet HTML 25Page - Microchip Technology EMC2113 Datasheet HTML 26Page - Microchip Technology EMC2113 Datasheet HTML 27Page - Microchip Technology EMC2113 Datasheet HTML 28Page - Microchip Technology EMC2113 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS20005251A-page 25
APPLICATION NOTE: The TRIP_SET pin circuitry is designed to use a 1% resistor externally. Using a 1% resistor
will result in the Thermal / Critical Shutdown temperature being decoded correctly. If a 5%
resistor is used, then the Thermal / Critical Shutdown temperature may be decoded with as
much as ±1°C error.
Table 6.2 TRIP_SET Resistor Setting
TTRIP (°C)
RSET (1%)
TTRIP (°C)
RSET (1%)
65
0.0
97
1240
66
28.7
98
1330
67
48.7
99
1400
68
69.8
100
1500
69
90.9
101
1580
70
113
102
1690
71
137
103
1820
72
158
104
1960
73
182
105
2050
74
210
106
2210
75
237
107
2370
76
261
108
2550
77
294
109
2740
78
324.
110
2940
79
348
111
3160
80
383
112
3480
81
412
113
3740
82
453
114
4120
83
487
115
4530
84
523
116
4990
85
562
117
5490
86
604
118
6040
87
649
119
6810
88
698
120
7870
89
750
121
9090
90
787
122
10700
91
845
123
12700
92
909
124
15800
93
953
125
20500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com