Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 54 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 54 Page - Microchip Technology

Back Button EMC2113 Datasheet HTML 50Page - Microchip Technology EMC2113 Datasheet HTML 51Page - Microchip Technology EMC2113 Datasheet HTML 52Page - Microchip Technology EMC2113 Datasheet HTML 53Page - Microchip Technology EMC2113 Datasheet HTML 54Page - Microchip Technology EMC2113 Datasheet HTML 55Page - Microchip Technology EMC2113 Datasheet HTML 56Page - Microchip Technology EMC2113 Datasheet HTML 57Page - Microchip Technology EMC2113 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 54
 2013 Microchip Technology Inc.
Reading the Interrupt Status Register does not clear the Error Status bit. Reading from any Error Status
Register that has bits set will clear the register and the corresponding bit in the Interrupt Status
Register if the error condition has been removed. If the error condition is persistent, reading the Error
Status Registers will have no effect.
7.14.1
Tcrit Status Register
The Tcrit Status Register stores which software enabled temperature channel has caused the
SYS_SHDN pin to be asserted. Each of the temperature channels must be associated with the
SYS_SHDN pin before they can be set (see Section 7.10, "Critical Temperature Limit Registers"). Once
the SYS_SHDN pin is asserted, it will be released when the temperature drops below the threshold
level; however, the individual status bit will not be cleared until read.
Bit 7 - HWS - This bit is set if the hardware set temperature channel caused the SYS_SHDN pin to
be asserted.
7.15
Fan Status Register
The Fan Status Register contains the status bits associated with each fan driver.
Bit 7 - WATCH - This bit is asserted ‘1’ if the Watchdog timer has expired (see Section 6.10, "Watchdog
Timer").
Bit 5 - DRIVE_FAIL - Indicates that the RPM-based Fan Speed Control Algorithm cannot drive the Fan
to the desired target setting at maximum drive. This bit can be masked from asserting the ALERT pin.
‘0’ - The RPM-based Fan Speed Control Algorithm can drive Fan to the desired target setting.
‘1’ - The RPM-based Fan Speed Control Algorithm cannot drive Fan to the desired target setting
at maximum drive.
Bit 1- FAN_SPIN - This bit is asserted ‘1’ if the Spin up Routine for the Fan cannot detect a valid
tachometer reading within its maximum time window. This bit can be masked from asserting the ALERT
pin.
Bit 0 - FAN_STALL - This bit is asserted ‘1’ if the tachometer measurement on the Fan detects a stalled
fan. This bit can be masked from asserting the ALERT pin.
7.16
Interrupt Enable Register
The Interrupt Enable Register controls the masking for each temperature channel. When a channel is
masked, it will not cause the ALERT pin to be asserted when an error condition is detected.
Table 7.22 Fan Status Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
27h
R-C
Fan Status
Register
WATCH
-
DRIVE_
FAIL
--
-
FAN_
SPIN
FAN_
STALL
00h
Table 7.23 Interrupt Enable Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
28h
R/W
Interrupt
Enable
PWM_
INT_
EN
---
EXT3_
INT_
EN
EXT2_
INT_
EN
EXT1_
INT_
EN
INT_
INT_
EN
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com