Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 85 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 85 Page - Microchip Technology

Back Button EMC2113 Datasheet HTML 80Page - Microchip Technology EMC2113 Datasheet HTML 81Page - Microchip Technology EMC2113 Datasheet HTML 82Page - Microchip Technology EMC2113 Datasheet HTML 83Page - Microchip Technology EMC2113 Datasheet HTML 84Page - Microchip Technology EMC2113 Datasheet HTML 85Page - Microchip Technology EMC2113 Datasheet HTML 86Page - Microchip Technology EMC2113 Datasheet HTML 87Page - Microchip Technology EMC2113 Datasheet HTML 88Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 85 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS20005251A-page 85
Bit 1 - TEMP3_CFG = ‘1b’ tells the Look Up Table to reference Pushed Temperature 1 instead of
External Diode 3, except that PUSH1_CFG re-directs the logic to reference the PWM Input Duty Cycle
register instead.
Bit 0 - TEMP4_CFG = ‘0b’ tells the LUT to reference the Internal Diode data instead of Forced
Temperature 2 data. This is the default setting.
Note: The values shown in Table A.9 are example settings. All the cells in the look-up table are
programmable via SMBus.
Table A.9 Fan Speed Control Table Example #3
FAN
SPEED
STEP #
EXTERNAL
DIODE 1
TEMPERATURE
(CPU)
EXTERNAL
DIODE 2
TEMPERATURE
(GPU)
PWM DUTY
CYCLE
INTERNAL DIODE
TACH
TARGET
135oC65oC
20% Duty Cycle
(1Ah)
40oC
EFh
(1028 RPM)
240oC75oC
30% Duty Cycle
(26h)
45oC
A3h
(1508 RPM)
350oC85oC
40% Duty Cycle
(33h)
50oC
7Ah
(2014 RPM)
460oC90oC
50% Duty Cycle
(40h)
55oC
62h
(2508 RPM)
570oC95oC
60% Duty Cycle
(4Dh)
60oC
52h
(2997 RPM)
680oC
100oC
70% Duty Cycle
(5Ah)
65oC
3Dh
(4029 RPM)
790oC
105oC
80% Duty Cycle
(66h)
80oC
31h
(5016 RPM)
8
100oC110oC
90% Duty Cycle
(73h)
100oC
29h
(5994 RPM)
Table A.10 Fan Speed Determination for Example #2 (using settings in Table A.9)
EXTERNAL
DIODE 1
TEMPERATURE
(CPU)
EXTERNAL
DIODE 2
TEMPERATURE
(GPU)
PWM INPUT DUTY
CYCLE
INTERNAL DIODE
PWM RESULT
Example 1:
75°C
75°C
45% Duty Cycle
50°C
52h (2997 RPM) -
CPU requires highest
target
Example 2:
75°C
90°C
85% Duty Cycle
70°C
31h (5016 RPM) -
PWM requires highest
target
Example 3:
75°C
97.25°C
75% Duty Cycle
95°C
31h (5016 RPM) -
DTS2 requires
highest target



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com