Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 46 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 46 Page - Microchip Technology

Back Button EMC2113 Datasheet HTML 42Page - Microchip Technology EMC2113 Datasheet HTML 43Page - Microchip Technology EMC2113 Datasheet HTML 44Page - Microchip Technology EMC2113 Datasheet HTML 45Page - Microchip Technology EMC2113 Datasheet HTML 46Page - Microchip Technology EMC2113 Datasheet HTML 47Page - Microchip Technology EMC2113 Datasheet HTML 48Page - Microchip Technology EMC2113 Datasheet HTML 49Page - Microchip Technology EMC2113 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 46
 2013 Microchip Technology Inc.
The Pushed Temperature Registers store user programmed temperature values or temperature values
polled from one or more slave devices. This temperature can be used by the look-up table to update
the fan control algorithm.
Data written in these registers is not compared against any limits and must match the data format
shown in Table 7.3, "Temperature Data Format".
7.5
PWM Input Duty Cycle Register
The PWM Input Duty Cycle register stores the calculated duty cycle of the signal on the PWM_IN pin.
The value is stored as an 7-bit PWM setting ranging from 0 to 127 and represents the duty cycle as
shown in Equation [1]. When used by the Fan Control Look Up Table (LUT), the 7-bit PWM Input Duty
Cycle register setting is used as a temperature input and compared against the programmed
thresholds.
7.6
TRIP_SET Voltage Register
The TRIP_SET Voltage Register stores data that is measured on the TRIP_SET Voltage input. Each
bit weight represents mV of resolution so that the final voltage can be determined by adding the
weighting of the set bits together.
7.7
Ideality Factor Registers
Table 7.7 PWM Duty Cycle Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Fh
R
PWM Input
Duty Cycle
-
64
32
16
8421
00h
[1]
Table 7.8 TRIP_SET Voltage Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
10h
R
TRIP_SET
Voltage
750.0
375.0
187.5
93.75
46.88
23.43
11.72
5.86
FFh
Table 7.9 Ideality Factor Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
11h
R/W
External Diode
1 Ideality
00010
B2
B1
B0
12h
12h
R/W
External Diode
2 Ideality
00010
B2
B1
B0
12h
13h
R/W
External Diode
3 Ideality
00010
B2
B1
B0
12h
PWM Duty Cycle
VALUE
128
---------------------


100%
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com