Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 15 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 15 Page - Microchip Technology

Back Button EMC2113 Datasheet HTML 11Page - Microchip Technology EMC2113 Datasheet HTML 12Page - Microchip Technology EMC2113 Datasheet HTML 13Page - Microchip Technology EMC2113 Datasheet HTML 14Page - Microchip Technology EMC2113 Datasheet HTML 15Page - Microchip Technology EMC2113 Datasheet HTML 16Page - Microchip Technology EMC2113 Datasheet HTML 17Page - Microchip Technology EMC2113 Datasheet HTML 18Page - Microchip Technology EMC2113 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS20005251A-page 15
4.2
SMBus Electrical Specifications
PWM Input Detection
PWM Frequency
fPWM_IN
150
40k
Hz
TRIP_SET Measurement
TRIP_SET Decode
Accuracy
VTRIP
±0.5
±1
°C
1% resistor connected to ground
TRIP_SET Decode
Accuracy
VTRIP
±1
±2
°C
5% resistor connected to ground
Digital I/O pins
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Output High Voltage
VOH
VDD -
0.4
V
8 mA current drive
Output Low Voltage
VOL
0.4
V
8 mA current sink
Leakage Current
ILEAK
±5
uA
ALERT and SYS_SHDN pins
Device powered or unpowered
TA < 85°C
Table 4.3 SMBus Electrical Specifications
VDD= 3V to 3.6V, TA = -40°C to 125°C Typical values are at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
SMBus Interface
Input High/Low Current
IIH / IIL
±5
uA
Device powered or unpowered
TA < 85°C
Input Capacitance
CIN
410
pF
SMBus Timing
Clock Frequency
fSMB
10
400
kHz
Spike Suppression
tSP
50
ns
Bus free time Start to
Stop
tBUF
1.3
us
Setup Time: Start
tSU:STA
0.6
us
Setup Time: Stop
tSU:STP
0.6
us
Data Hold Time
tHD:DAT
0.6
6
us
Data Setup Time
tSU:DAT
0.6
72
us
Table 4.2 Electrical Specifications (continued)
VDD = 3V to 3.6V, TA = -40°C to 125°C, all Typical values at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com