Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 69 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 69 Page - Microchip Technology

Back Button EMC2113 Datasheet HTML 65Page - Microchip Technology EMC2113 Datasheet HTML 66Page - Microchip Technology EMC2113 Datasheet HTML 67Page - Microchip Technology EMC2113 Datasheet HTML 68Page - Microchip Technology EMC2113 Datasheet HTML 69Page - Microchip Technology EMC2113 Datasheet HTML 70Page - Microchip Technology EMC2113 Datasheet HTML 71Page - Microchip Technology EMC2113 Datasheet HTML 72Page - Microchip Technology EMC2113 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS20005251A-page 69
The Look Up Table Registers hold the 40 entries of the Look Up Table that control the drive of the
PWM. As the temperature channels are updated, the measured value for each channel is compared
against the respective entries in the Look Up Table and the associated drive setting is loaded into an
internal shadow register and stored.
The bit weighting for temperature inputs represents °C and is compared against the measured data.
Note that the LUT entry does not include a sign bit. The Look Up Table does not support negative
temperature values and the MSBit should not be set for a temperature input.
APPLICATION NOTE: When the PWM Input Duty cycle values are used, then the bit weighting represents a unit-
less threshold that does not corresponded to specific temperature values. It is used to drive
the fan speed based on external temperatures known to a separate microcontroller driving
the PWM_IN pin.
Each temperature channel threshold for a single “column” shares the same hysteresis value; however,
each temperature input has a different hysteresis value. When the measured temperature for any of
the channels meets or exceeds the programmed threshold, the drive setting associated with that
threshold is used. The temperature must drop below the threshold minus the hysteresis value before
the drive setting will be set to the previous value.
52h
R/W
LUT Temp 1
Setting 1
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
53h
R/W
LUT Temp 2
Setting 1
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
54h
R/W
LUT Temp 3
Setting 1
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
55h
R/W
LUT Temp 4
Setting 1
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
74h
R/W
LUT Drive
Setting 8
‘0’
4096
2048
1024
512
256
128
64
32
92h
‘1’
128
64
32
16
8
4
2
1
75h
R/W
LUT Temp
1Setting 8
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
76h
R/W
LUT Temp 2
Setting 8
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
77h
R/W
LUT Temp 3
Setting 8
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
78h
R/W
LUT Temp 4
Setting 8
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
79h
R/W
LUT Temp 1
Hysteresis
X
-
-
-
16
8421
0Ah
(10°C)
7Ah
R/W
LUT Temp 2
Hysteresis
X
-
-
-
16
8421
0Ah
(10°C)
7Bh
R/W
LUT Temp 3
Hysteresis
X
-
-
-
16
8421
0Ah
(10°C)
7Ch
R/W
LUT Temp 4
Hysteresis
X
-
-
-
16
8421
0Ah
(10°C)
Table 7.52 Look Up Table Registers (continued)
ADDR
R/W
REGISTER
RPM /
PWM
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com