Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 48 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 48 Page - Microchip Technology

Back Button EMC2113 Datasheet HTML 44Page - Microchip Technology EMC2113 Datasheet HTML 45Page - Microchip Technology EMC2113 Datasheet HTML 46Page - Microchip Technology EMC2113 Datasheet HTML 47Page - Microchip Technology EMC2113 Datasheet HTML 48Page - Microchip Technology EMC2113 Datasheet HTML 49Page - Microchip Technology EMC2113 Datasheet HTML 50Page - Microchip Technology EMC2113 Datasheet HTML 51Page - Microchip Technology EMC2113 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 48
 2013 Microchip Technology Inc.
7.8
Beta Configuration Register
The Beta Configuration Register controls advanced temperature measurement features of the External
Diode channels.
If External Diode 1 is selected as the hardware shutdown measurement channel (see Section 6.1,
"Critical/Thermal Shutdown") then the External Diode 1 Beta register will be read only. If the internal
diode is selected, then this register can be written normally. Likewise, if the External Diode 2 channel
is selected then this register can be written normally. Finally, if External Diode 2 is selected as the
hardware shutdown measurement channel, then the External Diode 2 Beta Configuration Register will
be read only.
The External Diode 3 channel beta configuration will always be set at 07h (disabled / diode mode).
Writing to a read only register will have no affect. The data will be ignored.
Bit 4 - AUTOx - Enables the Automatic Beta detection algorithm for the External Diode X channel.
‘0’ - The Automatic Beta detection algorithm is disabled. The BETAx[2:0] bit settings will be used
to control the beta compensation circuitry.
‘1’ (default) - The Automatic Beta detection algorithm is enabled. The circuitry will automatically
detect the transistor type and beta values and configure the BETAx[2:0] bits for optimal
performance.
Bits 2 - 0 - BETAx[2:0] - hold a value that corresponds to a range of betas that the Beta Compensation
circuitry can compensate for. These three bits will always show the current beta setting used by the
circuitry. If the AUTO bit is set (default), then these bits may be overwritten with every temperature
conversion. If the AUTO bit is not set, then the value of these bits is used to drive the beta
compensation circuitry. In this case, these bits should be set with a value corresponding to the lowest
expected value of beta for the PNP transistor being used as a temperature sensing device.
See Table 7.13, "Beta Compensation Look Up Table" for supported beta ranges. A value of 111b
indicates that the beta compensation circuitry is disabled. In this condition, the diode channels will
function with default current levels and will not automatically adjust for beta variation. This mode is
used when measuring a discrete 2N3904 transistor or AMD thermal diode.
The Beta Configuration Registers are Software Locked.
Table 7.12 Beta Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
14h
R/W
External Diode 1
Beta
Configuration
--
-
AUT
O1
-
BETA1[2:0]
10h
15h
R/W
External Diode 2
Beta
Configuration
--
-
AUT
O2
-
BETA2[2:0]
10h
Table 7.13 Beta Compensation Look Up Table
BETAX[2:0]
MINIMUM BETA
210
000
< 0.08
001
< 0.111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com