Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 261 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 261 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 257Page - National Semiconductor (TI) PC87591L Datasheet HTML 258Page - National Semiconductor (TI) PC87591L Datasheet HTML 259Page - National Semiconductor (TI) PC87591L Datasheet HTML 260Page - National Semiconductor (TI) PC87591L Datasheet HTML 261Page - National Semiconductor (TI) PC87591L Datasheet HTML 262Page - National Semiconductor (TI) PC87591L Datasheet HTML 263Page - National Semiconductor (TI) PC87591L Datasheet HTML 264Page - National Semiconductor (TI) PC87591L Datasheet HTML 265Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
261
www.national.com
Debug Bypass Register (BYPASS)
The BYPASS register provides a minimum length serial path for data movement between TDI and TDO. This path can be
selected when no other data register needs to be accessed.
The BYPASS register consists of a single shift register stage.
When the current instruction selects the BYPASS register for inclusion in the serial path between TDI and TDO, the shift
register stage is set to 0 on the rising edge of TCK following entry into Capture-DR state. The BYPASS register is accessed
from the JTAG serial bus only.
Debug Data Register (DBGDATA)
This register is the shift register element of DBGRXD and DBGTXD. It is accessed from the JTAG serial bus only. Figure 85
shows the parallel load data scheme.
The DBGDATA register consists of shift register stages according to the data buffer length. The actual length of the data value,
in a scan operation, is set before Capture-DR state when the current instruction is SCAN_RX or SCAN_TX. In the first case, it
is set according to SCAN_RX L0 to L4; in the latter case, it is set according to the value of MSG_LEN in DBGTXST register.
The actual length of the register is 16*(length+1), where “length” is the binary positive number created by the length field
(with L4 as MSB).
A length longer than the maximum data buffer is mapped to maximum length. A length shorter than the maximum data buffer
results in loading the data to/from the smallest addresses in the data buffer. Maximum length for this design is 128 shift reg-
ister stages. Note that TDO is always fixed; the TDI “insertion-point” changes according to the actual length.
Figure 85. DBGDATA Connection to the Data Links
Debug Abort Mask Register (DBGMASKS)
This is a serial shift register, with parallel output and parallel input (for read and write of ABORT_MASK register), accessed
by the JTAG serial bus while the SCAN_ABORT_MASK instruction is set to TAP IR. The register is not addressable from
the peripheral bus. The non-reserved bits of ABORT_MASK register are preset to 1 on Power-Up reset.
The ABORT_MASK register consists of shift register stages with 16 bits. Bits 1 to 15 are reserved and should be written with
0. A bit value of 1 enables the processor to abort; a bit value of 0 disables it.
Figure 86. ABORT_MASK and DBGMASKS Register Interaction
15
0
15
0
15
0
15
0
15
0
15
0
TDI
TDO
ADD XXE
ADD XXC
ADD XX0
15
0
15
0
ADD XX2
DBGTXD
DBGDATA
DBGRXD
ADD YYE
ADD YYC
ADD YY0
ADD YY2
15
0
15
0
15
0
15
0
Length = 1 word
Length = 8 words
15
0
15
0
TDI
TDO
ABORT_MASK
DBGMASKS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com