Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 264 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 264 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 260Page - National Semiconductor (TI) PC87591L Datasheet HTML 261Page - National Semiconductor (TI) PC87591L Datasheet HTML 262Page - National Semiconductor (TI) PC87591L Datasheet HTML 263Page - National Semiconductor (TI) PC87591L Datasheet HTML 264Page - National Semiconductor (TI) PC87591L Datasheet HTML 265Page - National Semiconductor (TI) PC87591L Datasheet HTML 266Page - National Semiconductor (TI) PC87591L Datasheet HTML 267Page - National Semiconductor (TI) PC87591L Datasheet HTML 268Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
264
Revision 1.07
Flash Address Register (FL_ADDR)
FL_ADDR is a shift register that enables reading from and writing to flash addresses. The address includes two fields: the
Flash Address and the Block Identifier (main block or information block). In Capture-DR state, the next address for read
and/or program is read. In case of a program or page erase fail, the offset within the section of the failing memory location
is returned. In Update-DR state, the address register is loaded with a new address. The connection of the register to the
serial chain is shown in Figure 89. The address register is reset at Power-Up and TAP resets only.
Type: R/W
Bit
Description
7-0
SID (SuperI/O Identification). Returns the value of SID register (see “SuperI/O ID Register (SID)” on page 344)
15-8
SRID (SuperI/O Revision ID). Returns the value of SID register (see “SuperI/O Revision ID Register (SRID)” on
page 346)
31-16 Reserved.
Bit
31 30 29 28 27 26 25 24 23 2 21 20 19 18 17 16 15 14 13 12 11 10 9
876543210
Name
Block ID
Flash Address
Reset
0
0
Bit
Type
Description
27-0
R/W
Flash Address. Holds the flash address in bytes, starting from address 0000016. The flash last address
depends on the block size. All addresses must be word aligned. Note that the field may hold values larger
than the actual flash size. Addresses beyond the flash size are reserved and should not be specified.
31-28
R/W
Block ID. Holds an ID for a specific block. The ID field values are:
Bits
31 30 29 28
Description
0 0 0 0:
For Capture-DR, reserved; for Update-DR, no load of Address and Block ID registers (default)
0 0 0 1:
Flash Main Block
0 0 1 0:
Flash Information Block
Other:
Reserved
Figure 89. Flash Address Register
0
TDI
TDO
Flash Address
27
0
FL_ADDR
Block ID
30
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com