Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 266 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 266 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 262Page - National Semiconductor (TI) PC87591L Datasheet HTML 263Page - National Semiconductor (TI) PC87591L Datasheet HTML 264Page - National Semiconductor (TI) PC87591L Datasheet HTML 265Page - National Semiconductor (TI) PC87591L Datasheet HTML 266Page - National Semiconductor (TI) PC87591L Datasheet HTML 267Page - National Semiconductor (TI) PC87591L Datasheet HTML 268Page - National Semiconductor (TI) PC87591L Datasheet HTML 269Page - National Semiconductor (TI) PC87591L Datasheet HTML 270Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
266
Revision 1.07
Flash Erase Register (FL_ERASE)
FL_ERASE is a shift register that starts a flash erase operation and returns the status of the erase operation. The type of
erase performed depends on the settings in the Control and Status register. The connection of the register to the serial chain
is shown in Figure 91. The FL_ERASE register is reset at Power-Up and TAP resets only.
Type: Varies per bit
Bit
1
0
Name
Error
Start/Busy
Reset
0
0
Bit
Type
Description
0RO
WO
Busy. On read (Capture-DR), indicates the status of the flash array.
0: Flash is idle and is ready for an erase command to be started
1: Flash is busy executing a previous erase or write command; any command given at this state is ig-
nored.
Start. On write (Update-DR), starts a flash erase process.
0: Do not start a new erase process
1: Start a new erase process
1RO
Error. Indicates that an error occurred during the last erase cycle. This bit has valid data only when the
Busy bit is cleared.
0: Last erase was completed successfully (default)
1: An error was detected during the last erase. This may be due either to a failed erase or protection be-
ing set. More details about the error type are available by reading the Control and Status register.
When a value of 1 is read, this bit is cleared.
Figure 91. Flash Erase Register
10
TDI
TDO
1
0
Status
1
0
Control
FL_ERASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com