Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 265 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 265 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 261Page - National Semiconductor (TI) PC87591L Datasheet HTML 262Page - National Semiconductor (TI) PC87591L Datasheet HTML 263Page - National Semiconductor (TI) PC87591L Datasheet HTML 264Page - National Semiconductor (TI) PC87591L Datasheet HTML 265Page - National Semiconductor (TI) PC87591L Datasheet HTML 266Page - National Semiconductor (TI) PC87591L Datasheet HTML 267Page - National Semiconductor (TI) PC87591L Datasheet HTML 268Page - National Semiconductor (TI) PC87591L Datasheet HTML 269Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
265
www.national.com
Flash Data Register (FL_DATA)
FL_DATA is a shift register that enables scanning data for flash read and write. This register is used during both flash pro-
graming and flash read. It includes two fields: a 16-bit data field and two Control/Status bits. In Capture-DR state, data read
from the array (for either a read instruction or as a confirmation of a write cycle) is loaded from the Flash Read buffer into
FL_DATA register. The Valid and Error bits indicate if program and read operations are successfully completed. In Update-
DR state, data is loaded into the Flash Write Data buffer if the Valid bit in the data shifted in is set. The connection of the
register to the serial chain is shown in Figure 89. The address register is reset at Power-Up and TAP resets only.
Type: Varies per bit
Bit
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Error
Valid
Data
Reset
Bit
Type
Description
15-0
R/W
Data. In read, returns the data read from the flash memory. Following a previous read instruction or a
set address, the data is read from the array with the currently held address. Following a previous write
instruction, the data is read back from the array as part of the write verification.
During write instruction, data scanned into this field, if the Valid bit is set, is loaded into the Flash Write
Data buffer and used for the next flash programing action.
16
RO
WO
Valid. Indicates that the data read or written is valid.
On Read (Capture-DR):
0: Data is not valid, since the read was not completed or the write buffer is not ready to accept new data.
1: Indicates that data in the Data Read buffer is valid. This data may be the result of a read (following a
previous read instruction) or the result of a failed write. Note that when a 1 is read from this bit, it is
automatically cleared to 0. In a read instruction, a read of 1 triggers a new read operation from memory
with the successive address.
During flash write sequences, indicates that the write data buffer is ready to accept new data; the bit
is cleared when new data is written to the buffer.
On Write (Update-DR): This bit must be written with 0 during a read instruction or when the flash is not
ready to accept new data (i.e., when the Valid bit in the Capture-DR is cleared).
0: Data is not valid. Do not update the Flash Data Write buffer.
1: Indicates that valid data is written to the Flash Data Write buffer. In write instruction, this triggers the
flash to be programed with new data.
17
RO
Error. Indicates that an error occurred during the last programing cycle. The bit is set when the error
is detected.
0: Last write was completed successfully (default)
1: An error was detected during the last write. This may be due to a failed write, a double buffer error or
to an attempt to violate restrictions put by the flash contents protection mechanism. For more details
about the error type, see “Flash Control and Status Register (FL_CT_ST)” on page 262.
When set, the error is cleared by clearing any set error flag in FL_CT_ST register.
Figure 90. Flash Data Register
17
0
TDI
TDO
Flash Read Data Buffer
Flash Write Data Buffer
FL_DATA
Status
Control
15
0
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com