Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 271 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 271 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 267Page - National Semiconductor (TI) PC87591L Datasheet HTML 268Page - National Semiconductor (TI) PC87591L Datasheet HTML 269Page - National Semiconductor (TI) PC87591L Datasheet HTML 270Page - National Semiconductor (TI) PC87591L Datasheet HTML 271Page - National Semiconductor (TI) PC87591L Datasheet HTML 272Page - National Semiconductor (TI) PC87591L Datasheet HTML 273Page - National Semiconductor (TI) PC87591L Datasheet HTML 274Page - National Semiconductor (TI) PC87591L Datasheet HTML 275Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
271
www.national.com
Debug ISE Source Registers A (DBGISESRCA)
DBGISESRCA is a word-wide read/write register that indicates the ISE sources. The register is cleared on reset. Writing 1
to a bit in this register clears it. Writing 0 to a bit does not change its value. The DBGISESRCA register format is shown
below.
Location: 00 FDEA16
Type: R/W S
4.19.10 Usage Hints
JTAG Performance
For best performance, the PC87591x should be the only device in the scan path. Since the Debugger interface is used in
the development phase of the product, this should not be a problem. Keep the scan path as short as possible.
JTAG Clock Rate
For reliable communication over the JTAG serial bus, the error probability should be extremely low. This can be achieved
by connecting the TAP to the JTAG bus controller card, paying attention to the TCK frequency, signal timing, this cable type
and cable length (for long cables, transceivers may be required).
Communication Lockout
Some erroneous operations by the host may cause a lockout of the communication hardware. Examples of such cases are:
●
Performing a data scan when the JTAG instruction is SCAN_RX with a PID value of ‘1111’
●
Performing a data scan with a JTAG instruction with a PID value that is not in the system (i.e., PID > 0)
●
Performing a SCAN_TX when the PID value is ‘1111’
A reset instruction is guaranteed to recover from all of these locked cases, but it resets the entire PC87591x.
Bit
15
14
13
12
11
10
9
8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reset
00000000
Bit
76543210
Name
Reserved
ABORT_0
RX_0
Reset
00000000
Bit
Description
0
RX_i. The ISE source is the Rx data link. Turn on with ISE assertion. Turn off by writing a byte to DBGISESRC
containing 1 in the RX_i bit location.
0: Not an ISE source
1: The ISE source is the Rx data link
1
ABORT_i. The ISE source is an ABORT request by the debugger or one of the processors. This bit is set by
either an abort command from the debugger (SCAN_RX with PID=‘1111’) or by a write of a 1 to the processor’s
respective bit in DBGISECA register.
0: Not an ISE source
1: The ISE source is an ABORT event
7-2
Reserved. These bits are reserved for future expansion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com