Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 273 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 273 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 269Page - National Semiconductor (TI) PC87591L Datasheet HTML 270Page - National Semiconductor (TI) PC87591L Datasheet HTML 271Page - National Semiconductor (TI) PC87591L Datasheet HTML 272Page - National Semiconductor (TI) PC87591L Datasheet HTML 273Page - National Semiconductor (TI) PC87591L Datasheet HTML 274Page - National Semiconductor (TI) PC87591L Datasheet HTML 275Page - National Semiconductor (TI) PC87591L Datasheet HTML 276Page - National Semiconductor (TI) PC87591L Datasheet HTML 277Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
273
www.national.com
4.20.5 Freezing Events
The PC87591x can prevent real-time events from interfering with the operation of the ADB monitor and changing the status
of the PC87591x. This is done by disabling maskable interrupts and setting FREEZE bit; the FREEZE bit freezes the
WATCHDOG counter and disables destructive read operations.
Disabling Maskable Interrupts
Clearing the core I or E bits in PSR register disables the maskable interrupts. The I bit is cleared automatically whenever a
trap or interrupt occurs and after reset.
Freezing the WATCHDOG Counter
To freeze the WATCHDOG counter, FREEZE bit in DBGCFG register must be set to 1 on entering a TMON routine (the bit
must be cleared before returning to the application). Setting FREEZE bit prevents the WATCHDOG from generating the re-
set that occurs if WATCHDOG is not cleared on time (see Section 4.10 on page 164). The WATCHDOG counter keeps its
value while it is frozen and resumes counting after FREEZE is cleared.
If an application fails to touch the WATCHDOG in time and a reset event is generated before or while FREEZE bit is set, the
PC87591x receives the reset.
Disabling Additional Modules
The two MFT16 and the two ACB modules may be frozen by the FREEZE bit. Freezing is enabled when the respective bit
in DBGFRZEN register is set; the bits can be set to meet specific needs of different applications.
Disabling Destructive Reads
When FREEZE in DBGCFG register is set (1), destructive reads do not change the system state (i.e., they return the read
data but do not clear or set bits or send signals). This allows the debugger to present the values of these bits. NMISTAT is
an exception to this rule and is not affected by FREEZE. Core accesses to Host domain registers (using the “Core Access
to Host Controlled Modules”) may also be destructive but are not affected by FREEZE. Note that host operations continue
without any FREEZE bit impact.
4.20.6 Monitoring Activity During Development
In DEV environment, information is available for monitoring on-chip activities and implementing debug features in the devel-
opment system.
Bus Status Signals
The Bus Status signals (BST2-0) indicate if a transaction on the core bus was issued and, if so, the type of transaction.
The BST2-0 signals reflect activity on the core bus. For word accesses involving 8-bit expansion memory, the core bus cycle
triggers two external bus cycles. The first external bus cycle is flagged as a T1 cycle of the core bus. The second is not
flagged as a T1 cycle, i.e., BST2-0 is 000. See Table 41.
Table 41. Core Bus Transaction Encoding
BST
Core Bus Transaction Type
000
Not a T1 cycle, except when the core waits for an
interrupt following WAIT instruction execution
001
Core waits for an interrupt following WAIT
instruction execution
010
T1 of an interrupt acknowledge bus cycle
011
T1 of a data transfer of a non-core bus master
100
T1 of a sequential instruction fetch
101
T1 of a non-sequential instruction fetch
110
T1 of a core data transfer
111
T1 of an exception data transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com