Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 274 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 274 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 270Page - National Semiconductor (TI) PC87591L Datasheet HTML 271Page - National Semiconductor (TI) PC87591L Datasheet HTML 272Page - National Semiconductor (TI) PC87591L Datasheet HTML 273Page - National Semiconductor (TI) PC87591L Datasheet HTML 274Page - National Semiconductor (TI) PC87591L Datasheet HTML 275Page - National Semiconductor (TI) PC87591L Datasheet HTML 276Page - National Semiconductor (TI) PC87591L Datasheet HTML 277Page - National Semiconductor (TI) PC87591L Datasheet HTML 278Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
274
Revision 1.07
Transaction Effect on the External Bus
The following core bus transactions are reflected on the external bus:
●
Accesses to external zones of expansion memory, off-chip base memory and accesses that use the I/O Expansion
protocol are indicated by the active state of the SEL0, SEL1 and SELIO signals, respectively, and are described by
the address and data buses and the status signals, BST2-0.
●
Accesses to on-chip memories and peripheral modules can be observed using the “Core Bus Monitoring Bus Cycles”
(see “Core Bus Monitoring” on page 82). They accesses are indicated by an inactive state for the SEL0, SEL1 and/or
SELIO signals. They are described by addresses A0-19, the byte-enable BE0-1 signals, the CBRD signal and the
BST2-0 signals.
●
BE0 is high when a lower memory byte (a byte in an even address) is accessed. BE1 is high when a higher memory
byte (a byte in an odd address) is accessed.
●
CBRD is high when the transaction is a read operation and low when it is a write operation.
Pipe Status Signals (PFS and PLI)
The PFS indicates the completion of an instruction in the core. The Pipe Long Instruction (PLI) signal indicates the size of
the completed instruction, where 0 = word instruction and 1 = double-word instruction (see Figure 92). If an instruction flush-
es the pipeline, the fetch for the next instruction (BST=101) is issued during the cycle following the instruction’s PFS, or later.
4.20.7 On-Chip Hardware Breakpoint
The core provides two types of hardware breakpoints:
●
Address Match - Detection of a matched address for the current executed instruction (PC value)
●
Data Match - Detection of a read or write transaction for a matched memory location
For a detailed description of the core breakpoint mechanism, refer to the CR16B User Manual.
CLK
PFS
PLI
Instruction i
Completed
Instruction i+1
Completed
Figure 92. Pipe Status Signal (PFS and PLI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com