Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 303 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 303 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 299Page - National Semiconductor (TI) PC87591L Datasheet HTML 300Page - National Semiconductor (TI) PC87591L Datasheet HTML 301Page - National Semiconductor (TI) PC87591L Datasheet HTML 302Page - National Semiconductor (TI) PC87591L Datasheet HTML 303Page - National Semiconductor (TI) PC87591L Datasheet HTML 304Page - National Semiconductor (TI) PC87591L Datasheet HTML 305Page - National Semiconductor (TI) PC87591L Datasheet HTML 306Page - National Semiconductor (TI) PC87591L Datasheet HTML 307Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 437 page
background image
Host Controller Interface Modules (Continued)
Revision 1.07
303
www.national.com
5.3.6
Random Number Generator (PC87591S)
The PC87591S includes a Random Number Generator unit. Once enabled, this unit can provide up to 800 random bits per
second. The random bits may be read one byte at a time from RNGD register when DVALID bit in RNGCS register is set.
Note that a double buffer scheme is used to improve the performance of bit gathering. The randomization of the data is ver-
ified by compliance with FIPS140-1 specifications.
5.3.7
Signaling Interface
For memory update operations, the host may need to exchange signals (indicating the state) with the core. The Signaling
interface supports this scheme. The scheme is designed mainly for polling-based operations, but it allows the host to inter-
rupt the core.
The signaling hardware includes an 8-bit register that may be read by both host and core. The host may modify bits 0 through
3 of this register; the core may modify bits 4 through 7. A host write to the register sets the Host Semaphore Write (HSEMW)
bit in the Shared Memory Core Control and Status register (SMCCST); if the interrupt enable bit (HSEMIE in SMCCST reg-
ister) is set, the shared memory interrupt to the core is set.
5.3.8
Shared Memory Host Registers
The following set of registers is accessible only by the host. The registers are maintained by VDD.
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
Shared Memory Host Register Map
Offset
Mnemonic
Register Name
Type
0016
SMIMA0
Shared Memory Indirect Memory Address 0
R/W
0116
SMIMA1
Shared Memory Indirect Memory Address 1
R/W
0216
SMIMA2
Shared Memory Indirect Memory Address 2
R/W
0316
SMIMA3
Shared Memory Indirect Memory Address 3
R/W
0416
SMIMD
Shared Memory Indirect Memory Data
R/W
0516
SMHC
Shared Memory Host Control
R/W
0616
SMHST
Shared Memory Host Status
Varies per bit
0716
SMHAP1
Shared Memory Host Access Protect 1
Varies per bit
0816
SMHAP2
Shared Memory Host Access Protect 2
Varies per bit
0C16
SMHSEM
Shared Memory Host Semaphore
Varies per bit
Figure 103. Signaling Interface
HSEM(3-0)
CSEM(3-0)
Host Side
HSEMW
Writes
Core Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com