Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 306 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 306 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 302Page - National Semiconductor (TI) PC87591L Datasheet HTML 303Page - National Semiconductor (TI) PC87591L Datasheet HTML 304Page - National Semiconductor (TI) PC87591L Datasheet HTML 305Page - National Semiconductor (TI) PC87591L Datasheet HTML 306Page - National Semiconductor (TI) PC87591L Datasheet HTML 307Page - National Semiconductor (TI) PC87591L Datasheet HTML 308Page - National Semiconductor (TI) PC87591L Datasheet HTML 309Page - National Semiconductor (TI) PC87591L Datasheet HTML 310Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 437 page
background image
Host Controller Interface Modules (Continued)
www.national.com
306
Revision 1.07
Shared Memory Host Access Protect Register 1 and 2 (SMHAP1-2)
This register holds the read/write protection and lock control from the host side to the shared memory. The memory is par-
titioned into 64 Kbyte blocks. SMHAP1 controls the first 16 blocks (addresses 0-1 Mbyte). SMHAP2 controls the second
group of 16 blocks (addresses 1-2 Mbyte). The block mapping is in the core address space. See “Setting the Host Access
Protection Flags” on page 301 for the calculation method of the block address in the host address space. On Host Domain
Hardware reset, all write-protect flags are set and all lock-protect and read-protect flags are cleared.
Location: Offset 0716 and 0816
Type: Varies per bit
Shared Memory Host Semaphore Register (SMHSEM)
This register provides eight semaphore bits between the core and host. Four of the bits may be set by the host and four may
be set by the core. The register is cleared (0016) on Host Domain Hardware reset.
Location: Offset 0C16
Type: Varies per bit
4
R/W1C HDERR (Host Data Loss Error). The bit is set (1) when a write to a full buffer is detected. The bit is
cleared by writing 1 to it.
This bit can be cleared only when HBUSY bit is cleared (0).
7-5
Reserved.
Bit
765
4
3210
Name
Host Access Protection Index
Index Write
Host Lock
Protection
Host Write
Protection
Host Read
Protection
Reset
0
0
0
0
0
0
1
0
Bit
Type
Description
0
R/W
Host Read Protection. The block number is as held in the index field (bits 7-4). Note that the Core
Override protection may disable reads even when reads are allowed by this register.
0: Host Reads are allowed for this block
1: Host Reads are inhibited for this block
1
R/W
Host Write Protection. The block number is as held in the index field (bits 7-4). Note that the Core
Override protection may disable writes even when writes are allowed by this register.
0: Program and erase are allowed for this block
1: Program and erase are inhibited for this block
2
R/W
Host Lock Protection. The block number is as held in the index field (bits 7-4). When set, the bit
prevents changing the values of the Host Read Protect, Host Write Protect and Host Lock Protection
bits for this block. Once set, this bit is cleared by Host Domain Hardware reset only.
0: Changes to protection bits (0-2) for this block are enabled
1: Protection bits (0-2) for this block are locked, and the bits’ values may not be changed
3WO
Index Write. Indicates that this is an index write transaction; therefore, bits 0-2 of this register are
ignored. When read, always returns 0.
0: Write transaction affects all fields of this register (writes to bits 0-2 use the newly written index)
1: Write transaction for purpose of index update; bits 0-2 should not be updated by this write.
7-4
R/W
Host Access Protection Index. Holds the index number of the host block accessed by the other fields
in this register. All blocks are 64 Kbytes. The block index is calculated in the core address space. For
details of the address conversion, see Section 5.3.2 on page 297.
Index = Block_First_Address / 64K
In SMHAP1: 0000-111116 for indexes 0-15, respectively
In SMHAP2: 0000-111116 for indexes 16-31, respectively
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com