Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 310 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 310 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 306Page - National Semiconductor (TI) PC87591L Datasheet HTML 307Page - National Semiconductor (TI) PC87591L Datasheet HTML 308Page - National Semiconductor (TI) PC87591L Datasheet HTML 309Page - National Semiconductor (TI) PC87591L Datasheet HTML 310Page - National Semiconductor (TI) PC87591L Datasheet HTML 311Page - National Semiconductor (TI) PC87591L Datasheet HTML 312Page - National Semiconductor (TI) PC87591L Datasheet HTML 313Page - National Semiconductor (TI) PC87591L Datasheet HTML 314Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 437 page
background image
Host Controller Interface Modules (Continued)
www.national.com
310
Revision 1.07
Shared Memory Core Override Write Protect Registers 0-2 (SMCOWP0-2)
SMCOWP0-2 are 16-bit registers that provide override on the host write protection bits. For the host to be able to write a
memory location, both the Host Write Protection bit (controlled through the Shared Memory Host Access Protect Register 1
or 2) and the associated bit in SMCOWP0-2 should be cleared. Each bit in this register is associated with a memory block,
as described in the bit description. Bits in these registers may be RO or RW depending on their position and the size of the
core and host boot blocks. These registers are cleared on reset and change in value of
SMCTA.
Location: 00 F92016, 00 F92216, 00 F92416
Type: R/W
Bit
15
14
13
12
11
10
9876
5
43210
Name
OWPLA15-0
Reset
FFFF16
Bit
15
14
13
12
11
10
9876
5
43210
Name
OWP15-2
Reserved
Reset
FFFF16
Bit
15
14
13
12
11
10
9876
5
43210
Name
OWP 31-16
Reset
FFFF16
Bit
Description
15-0 OWPLA15-0(Override Write Protect Low Addresses 15 through 0).
OWP15-2(Override Write Protect 15 through 2).
OWP31-16(Override Write Protect 15 through 0).
Each bit affects the host’s ability to write to one block. On the low addresses (covered by OWPLAi), the block
size is 8 Kbytes. For the other blocks it is 64 Kbytes. The block address is calculated as follows:
Low Address Blocks, OWPLAi: from i*8K to (i+1)*8K
−1
Other Blocks, OWPLj: from j*64K to (j+1)*64K
See Figure 102 on page 302 for a description of the block mapping. Bit 7 (OWPLA7) in SMCOWP0 register is
read only.
0: Do not override the host Write Protect setting for the block
1: Host writes for this block are disabled regardless of the setting of the respective bit in the host register
The following access limitations apply to the register’s bits:
Core boot blocks that cover address 00 000016 to CR_Boot_Block_Size:
RO
Host boot blocks not in above group and ranging from (MBTA1
− Host_Boot_Block_Size) to MBTA:RO
All other blocks:
RW
1. Use the MBTA as specified in SMCTA register, without the MBTA override in the protection word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com