Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 314 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 314 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 310Page - National Semiconductor (TI) PC87591L Datasheet HTML 311Page - National Semiconductor (TI) PC87591L Datasheet HTML 312Page - National Semiconductor (TI) PC87591L Datasheet HTML 313Page - National Semiconductor (TI) PC87591L Datasheet HTML 314Page - National Semiconductor (TI) PC87591L Datasheet HTML 315Page - National Semiconductor (TI) PC87591L Datasheet HTML 316Page - National Semiconductor (TI) PC87591L Datasheet HTML 317Page - National Semiconductor (TI) PC87591L Datasheet HTML 318Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 437 page
background image
Host Controller Interface Modules (Continued)
www.national.com
314
Revision 1.07
5.4.1
Core Access to Host-Controlled Module Registers
The following set of registers is accessible only by the core. The registers are powered by VCC.
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
Core Access to Host-Controlled Modules Register Map
Indirect Host I/O Address Register (IHIOA)
This register defines the host I/O address for read or write transactions from/to the Host-Controlled modules. The I/O ad-
dress is an offset from the least significant bits of the device address. The accessed device is selected using the Core to
SIB Modules Access Enable Register (CRSMAE); see page 316.
Location: 00 FCE016
Type: R/W
Indirect Host Data Register (IHD)
This register holds host data for read or write transactions from/to the Host-Controlled modules.
Location: 00 FCE216
Type: R/W
Mnemonic
Register Name
Type
IHIOA
Indirect Host I/O Address
R/W
IHD
Indirect Host Data
R/W
LKSIOHA
Lock SuperI/O Host Access
R/W
SIOLV
SuperI/O Access Lock Violation
R/W1C
CRSMAE
Core to SIB Modules Access Enable
R/W
SIBCTRL
SIB Control
Varies per bit
Bit
15
14
13
12
11
10
9876543210
Name
Reserved
Indirect Host I/O Offset
Reset
0
00000
0
0
0
0
0
0
0
0
0
0
Bit
Description
7-0
Indirect Host I/O Offset. Only offsets within the device range are allowed. Other offsets may have unpredictable
results.
15-8
Reserved.
Bit
76543210
Name
Indirect Host Data
Reset
00000000
Bit
Description
7-0
Indirect Host Data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com