Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 311 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 311 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 307Page - National Semiconductor (TI) PC87591L Datasheet HTML 308Page - National Semiconductor (TI) PC87591L Datasheet HTML 309Page - National Semiconductor (TI) PC87591L Datasheet HTML 310Page - National Semiconductor (TI) PC87591L Datasheet HTML 311Page - National Semiconductor (TI) PC87591L Datasheet HTML 312Page - National Semiconductor (TI) PC87591L Datasheet HTML 313Page - National Semiconductor (TI) PC87591L Datasheet HTML 314Page - National Semiconductor (TI) PC87591L Datasheet HTML 315Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 437 page
background image
Host Controller Interface Modules (Continued)
Revision 1.07
311
www.national.com
Random Number Generator Control/Status Register, RNGCS (PC87591S)
This register controls the Random Number Generator (RNG) unit. It also provides status of its operation and the validity of
the numbers at its output. The register is cleared on reset.
Location: 00 F93016
Type: Varies per bit
Bit
76543
2
10
Name
Reserved
CLKP
DVALID
RNGE
Reset
0
0
0
0
0000
Bit
Type
Description
0
R/W
RNGE (Random Number Generator Enable). Enables the operation of the RNG. This bit should be
cleared to reduce power consumption when the RNG is not required. Some wake-up time may apply
before the first number is generated after RNG activation.
0: RNG disabled (default)
1: RNG enabled
1RO
DVALID (Data Valid). Indicates that valid data may be read from RNGD register.
0: Data not valid; RNGD always reads 0016 (default)
1: Data valid; a random number is read
4-2
R/W
CLKP (Clock Pre-Scaler). Defines the pre-scale ratio between the RNG internal clocks and the core
clock. To change the CLP contents: (a) Clear RNGE; (b) Change CLKP (c); Set RNGE to re-enable the
RNG. CLKP may be set to a value above the actual clock frequency of the core, but it should not be
set to a lower value than the CLK frequency.
Bits
4 3 2
Description
0 0 0:
15-20 MHz (default)
0 0 1:
12-15 MHz
0 1 0:
9-12 MHz
0 1 1:
7-9 MHz
1 0 0:
6-7 MHz
1 0 1:
5-6 MHz
1 1 0:
4-5 MHz
1 1 1:
3-4 MHz
7-5
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com