Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 308 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 308 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 304Page - National Semiconductor (TI) PC87591L Datasheet HTML 305Page - National Semiconductor (TI) PC87591L Datasheet HTML 306Page - National Semiconductor (TI) PC87591L Datasheet HTML 307Page - National Semiconductor (TI) PC87591L Datasheet HTML 308Page - National Semiconductor (TI) PC87591L Datasheet HTML 309Page - National Semiconductor (TI) PC87591L Datasheet HTML 310Page - National Semiconductor (TI) PC87591L Datasheet HTML 311Page - National Semiconductor (TI) PC87591L Datasheet HTML 312Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 437 page
background image
Host Controller Interface Modules (Continued)
www.national.com
308
Revision 1.07
Shared Memory Core Top Address Register (SMCTA)
This register provides information about the size of the on-chip main block. The register is loaded with its default value on
VCC Power-Up reset only.
Location: 00 F90216
Type: RO in IRE and OBD environments
R/W in DEV environment
Shared Memory Host Semaphore Register (SMHSEM)
This register provides eight semaphore bits between the core and the host. Four of the bits may be set by the host; four may
be set by the core. The register is cleared (0016) on reset.
Location: 00 F90416
Type: Varies per bit
4-3
HERES (Host Error Response). Controls response type on read/write from/to a protected block or out-of-range
address. An out-of-range address is an address that the LPC configuration module defines as mapped to the
PC87591x, but it is actually translated to a reserved address in the core address space.
Bits
4 3
Description
0 0:
Drive Long Wait for read; ignore write
0 1:
Read back 0016; ignore write
1 0:
Drive error SYNC for both read and write
1 1:
Reserved
5
HLOCK (Host Lock).
0: The bridge does not generate write transactions on the core bus
1: The bridge can generate write transactions on the core bus
This bit should be set only when FMBUSY bit is cleared (see ”Flash Memory Status Register (FLSR)” in
Section 4.16.7 on page 228).
6
HSEMW (Host Semaphore Write). The bit is set (1) when the host writes to HSEM register. Writing 1 to this
bit position clears it to 0. Writing 0 has no effect.
7
HSEMIE (Host Semaphore Interrupt Enable). When the bit is set (1), the interrupt to the core is set (level
high) if HSEMW is set.
Bit
76543
2
1
0
Name
Reserved
MBSD
Reset
0
0
0
2 (see note in field description)
Bit
Description
4-0
MBSD (Main Block Size Definition). Defines the size of the main block in 64 Kbyte units. Thus the MBTA value
is MBSD * 1 000016. Note that MBTA is actually the first address beyond the main block.
The reset value of this field is affected by the Force MBTA Zero bit in the protection word (see Section 4.16.6 on
page 226). When the Force MBTA Zero bit is set, the reset value of this field is 016; when the bit is cleared, the
reset value is as shown in the bit table, above.
This field is loaded on VCC Power-Up reset with the on-chip flash size. In DEV environment, the MBSD may be
loaded with a new value.
7-5
Reserved.
Bit
76543
2
1
0
Name
CSEM3
CSEM2
CSEM1
CSEM0
HSEM3
HSEM2
HSEM1
HSEM1
Reset
0
0
0
0
0
0
0
0
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com