Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 305 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 305 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 301Page - National Semiconductor (TI) PC87591L Datasheet HTML 302Page - National Semiconductor (TI) PC87591L Datasheet HTML 303Page - National Semiconductor (TI) PC87591L Datasheet HTML 304Page - National Semiconductor (TI) PC87591L Datasheet HTML 305Page - National Semiconductor (TI) PC87591L Datasheet HTML 306Page - National Semiconductor (TI) PC87591L Datasheet HTML 307Page - National Semiconductor (TI) PC87591L Datasheet HTML 308Page - National Semiconductor (TI) PC87591L Datasheet HTML 309Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 437 page
background image
Host Controller Interface Modules (Continued)
Revision 1.07
305
www.national.com
Shared Memory Indirect Memory Data Register (SMIMD)
This register defines data bits 7-0 for a read or write transaction to the memory.
Location: Offset 0416
Type: R/W
Shared Memory Host Control Register (SMHC)
This register controls the embedded flash operation modes for host-initiated transactions. The register is cleared (0016)on
Host Domain Hardware reset.
Location: Offset 0516
Type: R/W
Shared Memory Host Status Register (SMHST)
This register provides the embedded flash status for host initiated transactions. The register is cleared (0016) on Host Do-
main Hardware reset.
Location: Offset 0616
Type: Varies per bit
Bit
76543210
Name
Indirect Memory Data 7-0
Bit
Description
7-0
Indirect Memory Data 7-0.
Bit
76543210
Name
Reserved
PMER
Reserved
Reset
00000000
Bit
Description
4-0
Reserved.
5
PMER (Page Erase). When the bit is set (1), a valid host write to the embedded flash erases the entire page
pointed to by the write address.
This bit can be altered only when HBUSY bit is cleared (0); otherwise results are undefined.
7-6
Reserved.
Bit
76543210
Name
Reserved
HDERR
FMLFULL
HBUSY
HPERR
HEERR
Reset
00000000
Bit
Type
Description
0
R/W1C HEERR (Host Erase Error). The bit is set (1) when an error occurs during a host-initiated erase. The
bit is cleared by writing 1 to it.
This bit can be cleared only when HBUSY bit is cleared (0).
1
R/W1C HPERR (Host Program Error). The bit is set (1) when an error occurs during a host-initiated program.
The bit is cleared by writing 1 to it.
This bit can be cleared only when HBUSY bit is cleared (0).
2RO
HBUSY (Host Busy). Read only. The bit is set (1) when the embedded flash is busy programing or
erasing the flash due to a host-initiated operation.
3RO
FMLFULL (Double Buffer Full). Read only. The bit is set (1) when the double buffer is full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com