Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 395 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 395 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 391Page - National Semiconductor (TI) PC87591L Datasheet HTML 392Page - National Semiconductor (TI) PC87591L Datasheet HTML 393Page - National Semiconductor (TI) PC87591L Datasheet HTML 394Page - National Semiconductor (TI) PC87591L Datasheet HTML 395Page - National Semiconductor (TI) PC87591L Datasheet HTML 396Page - National Semiconductor (TI) PC87591L Datasheet HTML 397Page - National Semiconductor (TI) PC87591L Datasheet HTML 398Page - National Semiconductor (TI) PC87591L Datasheet HTML 399Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 437 page
background image
7.0 Device Specifications (Continued)
Revision 1.07
395
www.national.com
7.6.8
PS/2 Interface Timing
Figure 144. PS/2 Receive Timing
Symbol
Figure
Description
Reference Conditions
Min
Max
Unit
PS/2 Input Timing
tPSDIs
144
Input setup time PSDAT1-3
Before FE PSCLK1-3
0
ns
tPSDIh
144
Input hold time PSDAT1-3
After RE PSCLK1-3
0
ns
tPSCLKl
144
PSCLK1-3 low time
At 0.8V (Both Edges)
(n+1)tCLK
1 ns
1. ‘n’ is the number of clock cycles, as programed in the IDB field. See “PS/2 Control Register (PSCON)” on
page 130.
-
tPSCLKh
144
PSCLK1-3 high time
At 2.0V (Both Edges)
(n+1)tCLK
1 ns
-
PS/2 Output Timing
tPSDOv
145
Output valid time
PSDAT1-4
After FE PSCLK1-4
(n + 6) * tCLK
+142 ns
2. ‘n’ is defined in “PS/2 Control Register (PSCON)” on page 130.
-
tPSDOh
145
Output hold time PSDAT1-4
After FE PSCLK1-4
0
ns
tPSCLKa
146
Output active time PSCLK1-4 After RE CLK
17
ns
tPSCLKia
146
Output inactive time
PSCLK1-4
After RE CLK
17
ns
PSDAT1-4
PSCLK1-4
tPSDIs
tPSCLKl
tPSDIh
tPSCLKh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com