Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 396 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 396 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 392Page - National Semiconductor (TI) PC87591L Datasheet HTML 393Page - National Semiconductor (TI) PC87591L Datasheet HTML 394Page - National Semiconductor (TI) PC87591L Datasheet HTML 395Page - National Semiconductor (TI) PC87591L Datasheet HTML 396Page - National Semiconductor (TI) PC87591L Datasheet HTML 397Page - National Semiconductor (TI) PC87591L Datasheet HTML 398Page - National Semiconductor (TI) PC87591L Datasheet HTML 399Page - National Semiconductor (TI) PC87591L Datasheet HTML 400Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 437 page
background image
7.0 Device Specifications (Continued)
www.national.com
396
Revision 1.07
Figure 145. PS/2 Transmit Timing
Figure 146. PS/2 Clock Signal Pulled Low by PC87591x
7.6.9
ACCESS.bus Timing
Symbol
Figure
Description
Reference Conditions
Min
Max
Unit
ACB Input Timing
tBUFi
148
Bus free time between Stop
and Start condition
tSCLhigho
-
tCSTOsi
148
SCL setup time
Before Stop condition
8 * tCLK −
tSCLri
-
tCSTRhi
148, 149
SCL hold time
After Start condition
8 * tCLK −
tSCLri
-
tCSTRsi
149
SCL setup time
Before Start condition
8 * tCLK −
tSCLri
-
tDHCsi
149
Data high setup time
Before SCL RE
2 * tCLK
-
tDLCsi
148
Data low setup time
Before SCL RE
2 * tCLK
-
tSCLfi
147
SCL signal fall time
300
ns
tSCLri
147
SCL signal rise time
1
µs
tSCLlowi
150
SCL low time
After SCL FE
16 * tCLK
-
PSDAT1-4
PSCLK1-4
tPSDOv
tPSCLKl
tPSCLKh
tPSDOh
PSCLK1-4
CLK
tPSCLKa
tPSCLKia



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com