Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 397 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 397 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 393Page - National Semiconductor (TI) PC87591L Datasheet HTML 394Page - National Semiconductor (TI) PC87591L Datasheet HTML 395Page - National Semiconductor (TI) PC87591L Datasheet HTML 396Page - National Semiconductor (TI) PC87591L Datasheet HTML 397Page - National Semiconductor (TI) PC87591L Datasheet HTML 398Page - National Semiconductor (TI) PC87591L Datasheet HTML 399Page - National Semiconductor (TI) PC87591L Datasheet HTML 400Page - National Semiconductor (TI) PC87591L Datasheet HTML 401Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 437 page
background image
7.0 Device Specifications (Continued)
Revision 1.07
397
www.national.com
tSCLhighi
150
SCL high time
After SCL RE
16 * tCLK
-
tSDAri
147
SDA signal fall time
300
ns
tSDAfi
147
SDA signal rise time
1
µs
tSDAhi
150
SDA hold time
After SCL FE
0
ns
tSDAsi
150
SDA setup time
Before SCL RE
2 * tCLK
-
ACB Output Timing
tSCLhigho
150
SCL high time
After SCL RE
K * tCLK − 1
µs
-
tSCLlowo
150
SCL low time
After SCL FE
K * tCLK − 1
µs
-
tBUFo
148
Bus free time between Stop
and Start condition
tSCLhigho
-
tCSTOso
148
SCL setup time
Before Stop condition
tSCLhigho
-
tCSTRho
148, 149
SCL hold time
After Start condition
tSCLhigho
-
tCSTRso
149
SCL setup time
Before Start condition
tSCLhigho
-
tDHCso
149
Data high setup time
Before SCL RE
tSCLhigho
− t
SDAro
-
tDLCso
148
Data low setup time
Before SCL RE
tSCLhigho
− t
SDAfo
-
tSCLfo
147
SDA signal fall time
300
ns
tSCLro
147
SDA signal rise time
See note1
tSDAfo
147
SDA signal fall time
300
ns
tSDAro
147
SDA signal rise time
See note1
-
tSDAho
150
SDA hold time
After SCL FE
7 * tCLK −
tSCLfo
-
tSDAvo
150
SDA valid time
After SCL FE
7 * tCLK +
tSDAro
-
1. Depends on the signal’s capacitance and the pull-up value. Must be less than 1
µs.
Symbol
Figure
Description
Reference Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com