Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 402 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 402 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 398Page - National Semiconductor (TI) PC87591L Datasheet HTML 399Page - National Semiconductor (TI) PC87591L Datasheet HTML 400Page - National Semiconductor (TI) PC87591L Datasheet HTML 401Page - National Semiconductor (TI) PC87591L Datasheet HTML 402Page - National Semiconductor (TI) PC87591L Datasheet HTML 403Page - National Semiconductor (TI) PC87591L Datasheet HTML 404Page - National Semiconductor (TI) PC87591L Datasheet HTML 405Page - National Semiconductor (TI) PC87591L Datasheet HTML 406Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 437 page
background image
7.0 Device Specifications (Continued)
www.national.com
402
Revision 1.07
7.6.13 Debugger Interface Timing
Figure 156. Debugger I/F Setup Time, Hold Time and Recovery Time
Figure 157. TCK Pulse Width
Symbol
Figure
Description
Reference Conditions
Min
Max
Unit
Debugger Interface Input Signals
tS
156
TMS Setup Time
Before RE TCK
7
ns
tH
156
TMS Hold Time
After RE TCK
2
ns
tS
156
TDI Setup Time
Before RE TCK
1
ns
tH
156
TDI Hold Time
After RE TCK
3.5
ns
tHW
157
TCK High Pulse Width
15
ns
tLW
157
TCK Low Pulse Width
5
ns
fMAX
Maximum TCK Clock
Frequency
20
MHz
Tpu
129
Wait Time Power-Up to TCK
tIRST
1
1. See Section 7.6.2 on page 384.
-
Debugger Interface Output Signals
tPLH
tPLL
158
Propagation Delay TCK to
TDO
After FE TCK
3
3
22
22
ns
tPLZ
tPHZ
160
159
Disable Time TCK to TDO
2
2
22
22
ns
tPZL
tPZH
160
159
Enable Time TCK to TDO
3
3
22
22
ns
tTINTh
161
TINT hld time
After FE TCK
10
ns
tTINTv
161
TINT valid time
After RE CLK
25
ns
TMS, TDI
TCK
t
S
1.5V
t
H
1.5V
TCK LOW-HIGH-LOW PULSE
TCK HIGH-LOW-HIGH PULSE
t
HW, tLW
1.5V
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com