Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 406 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 406 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 402Page - National Semiconductor (TI) PC87591L Datasheet HTML 403Page - National Semiconductor (TI) PC87591L Datasheet HTML 404Page - National Semiconductor (TI) PC87591L Datasheet HTML 405Page - National Semiconductor (TI) PC87591L Datasheet HTML 406Page - National Semiconductor (TI) PC87591L Datasheet HTML 407Page - National Semiconductor (TI) PC87591L Datasheet HTML 408Page - National Semiconductor (TI) PC87591L Datasheet HTML 409Page - National Semiconductor (TI) PC87591L Datasheet HTML 410Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 437 page
background image
7.0 Device Specifications (Continued)
www.national.com
406
Revision 1.07
7.6.15 LCLK and RESET1-2
Figure 166. LCLK Waveform
Symbol
Parameter
Min
Max
Units
tCYC
1
1. The PCI may have any clock frequency between nominal DC and 33 MHz. Device operational parameters at fre-
quencies under 16 MHz may be guaranteed by design rather than by testing. The clock frequency may be
changed at any time during the operation of the system as long as the clock edges remain “clean” (monotonic)
and the minimum cycle and high and low times are not violated. The clock may only be stopped in a low state.
LCLK Cycle Time
30
ns
tHIGH
LCLK High Time
11
ns
tLOW
LCLK Low Time
11
ns
-
LCLK Slew Rate2
2. Rise and fall times are specified in terms of the edge rate measured in V/ns. This slew rate must be met across
the minimum peak-to-peak portion of the clock wavering as shown below.
1
4
V/ns
-
RESET1-2 Slew Rate3
3. The minimum RESET1-2 slew rate applies only to the rising (de-assertion) edge of the reset signal, and ensures
that system noise cannot render an otherwise monotonic signal to appear to bounce in the switching range.
50
mV/ns
0.6 VDD
0.2 VDD
0.5 VDD
0.4 VDD
0.3 VDD
0.4 VDD P-to-P
(minimum)
tHIGH
tLOW
tCYC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com