Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 404 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 404 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 400Page - National Semiconductor (TI) PC87591L Datasheet HTML 401Page - National Semiconductor (TI) PC87591L Datasheet HTML 402Page - National Semiconductor (TI) PC87591L Datasheet HTML 403Page - National Semiconductor (TI) PC87591L Datasheet HTML 404Page - National Semiconductor (TI) PC87591L Datasheet HTML 405Page - National Semiconductor (TI) PC87591L Datasheet HTML 406Page - National Semiconductor (TI) PC87591L Datasheet HTML 407Page - National Semiconductor (TI) PC87591L Datasheet HTML 408Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 437 page
background image
7.0 Device Specifications (Continued)
www.national.com
404
Revision 1.07
7.6.14 USART Timing
Figure 162. USART Asynchronous Mode Timing
Symbol
Figure
Description
Reference Conditions
Min
Max
Unit
tr
162
CMOS output rise time.
Note 1
1. Not tested; guaranteed by characterization.
6ns
tf
162
CMOS output fall time.
Note 1
6ns
tCOh2
163
Output hold (synchr. mode)
After RE USCLK
−(2t
CLK
+10 ns)
-
tCOv2
163
Output valid (synchr. mode)
After RE USCLK
2tCLK
+10 ns
-
tCOh
162
Output hold (synchr. mode)
After RE USCLK
−20
ns
tIs
162
Input setup time
(asynchr. mode)
Before RE CLK
15
ns
tIh
162
Input hold time
(asynchr. mode)
After RE CLK
0
ns
tCLKX
162
USCLK input period (synchr.
mode)
250
ns
tCLKh
162
USCLK input low time.
2tCLK
-
tCLKl
162
USCLK input high time.
2tCLK
-
tSIs
163
Input Setup time (synchr.
mode)
Before FE USCLK (in)
in synchronous mode
tCLK +
10 ns
-
tSIh
163
Input Hold time (synchr.
mode)
After FE USCLK (in)
in synchronous mode
tCLK +
10 ns
-
tSIs1
164
Input Setup time (synchr.
mode)
Before FE USCLK (out)
in synchronous mode
20
ns
tSIh1
164
Input Hold time (synchr.
mode)
After FE USCLK (out)
in synchronous mode
20
ns
CLK
1
2
1
2
1
2
1
2
1
2
1
2
t
IS
t
IH
t
COv
t
COv
Output Signals:
UTXD
USCLK
Input Signals:
URXD
USCLK (In)
t
r
t
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com