Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 407 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 407 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 403Page - National Semiconductor (TI) PC87591L Datasheet HTML 404Page - National Semiconductor (TI) PC87591L Datasheet HTML 405Page - National Semiconductor (TI) PC87591L Datasheet HTML 406Page - National Semiconductor (TI) PC87591L Datasheet HTML 407Page - National Semiconductor (TI) PC87591L Datasheet HTML 408Page - National Semiconductor (TI) PC87591L Datasheet HTML 409Page - National Semiconductor (TI) PC87591L Datasheet HTML 410Page - National Semiconductor (TI) PC87591L Datasheet HTML 411Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 437 page
background image
7.0 Device Specifications (Continued)
Revision 1.07
407
www.national.com
7.6.16 LPC and SERIRQ Signals
Figure 167. LPC/SERIRQ Interface Output Timing
Figure 168. LPC/SERIRQ Interface Input Timing
-
Symbol
Figure
Description
Reference Conditions
Min
Max
Unit
tVAL
167
Output Valid Delay
After RE CLK
11
ns
tON
167
Float to Active Delay
After RE CLK
2
ns
tOFF
167
Active to Float Delay
After RE CLK
28
ns
tSU
168
Input Setup Time
Before RE CLK
7
ns
tHI
168
Input Hold Time
After RE CLK
0
ns
Leakage Only
Leakage Only
0.285 VDD
0.615 VDD
0.4 VDD
0.4 VDD
LCLK
LAD3-LAD0,
LDRQ, SERIRQ
Outputs
tVAL
tON
tOFF
VDD = 3.3V
tVAL
LAD3-LAD0,
SERIRQ
Output Enabled
0.4 VDD
0.4 VDD
LCLK
LAD3-LAD0, LFRAME
RESET1-2,
LPCPD, SERIRQ
Inputs
VDD = 3.3V
tHI
tSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com