Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 118 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 118 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 114Page - National Semiconductor (TI) PC87591L Datasheet HTML 115Page - National Semiconductor (TI) PC87591L Datasheet HTML 116Page - National Semiconductor (TI) PC87591L Datasheet HTML 117Page - National Semiconductor (TI) PC87591L Datasheet HTML 118Page - National Semiconductor (TI) PC87591L Datasheet HTML 119Page - National Semiconductor (TI) PC87591L Datasheet HTML 120Page - National Semiconductor (TI) PC87591L Datasheet HTML 121Page - National Semiconductor (TI) PC87591L Datasheet HTML 122Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
118
Revision 1.07
Data Output
The Data Out (PzDOUT) register holds the data to be driven onto the pin.
4.5.5
GPIO Port Pw
GPIO Port Signals Shared with Development System Signals
The Pw GPIO port enables access to input and output pins. Depending on the operating environments, some pins of the I/O
ports may be dedicated to functions other than input or output. In this case, low-cost external logic can be used to perform
the I/O functions with binary and cycle-by-cycle compatibility (see Section 4.1.8 on page 80 for details of the Expansion I/O
protocol). The Alternate Functions Table (Table 8 on page 54) defines the environment in which each port is implemented
off-chip and the pin that performs its alternate function.
The I/O Expansion protocol is used to access the off-chip implementation of the port’s registers (PwDIR, PwDOUT, PwDIN),
when the port pins are used by DEV environment. This enables binary compatibility between all environments.
To enable cycle-by-cycle compatibility in all environments, the access time to any of the registers is identical for on-chip and
off-chip implementation of the ports (i.e., as configured for the BIU I/O zone).
Figure 37 illustrates its functionality.
Output Buffer
The output buffer is a TRI-STATE buffer. Its output type (i.e., CMOS or TTL) and its driving capabilities are described in
Section 2.2 on page 41.
Input Buffer
The I/O port input buffer characteristics are defined in Section 2.2 on page 41. The input buffer has an enable input. When
enabled, the buffer inputs the pin’s logic level to the on-chip modules. When disabled, the input is blocked to prevent supply
leakage currents.
Port Direction
The Port Direction register (PwDIR) controls the direction of the port. When set (1), each bit in PwDIR register causes the
corresponding port signal to serve as an output port, thus enabling the output buffer. When cleared, the port serves as an
input port signal, thus putting the output buffer in TRI-STATE.
Data Output
The Data Output (PwDOUT) register holds the data to be driven onto the pin when the corresponding pin is set as GPIO and
its direction is set as output.
Data Input
The Data Input (PwDIN) register returns the current value/state of the pin. This register can always be read.
Open Drain
To use the GPIO pin as an inverting open-drain output buffer, the software should clear the corresponding bit in Data Output
(PwDOUT) register and then use the Direction register to set the value to the port pin.
PIN
Data Output
Register
{
Direction
Register
{
Data Input Register
Data Input Read
Data Out
(PwDOUT)
Direction
(PwDIR)
PwDIN
Figure 37. GPIO Port Pw Schematic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com