Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 122 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 122 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 118Page - National Semiconductor (TI) PC87591L Datasheet HTML 119Page - National Semiconductor (TI) PC87591L Datasheet HTML 120Page - National Semiconductor (TI) PC87591L Datasheet HTML 121Page - National Semiconductor (TI) PC87591L Datasheet HTML 122Page - National Semiconductor (TI) PC87591L Datasheet HTML 123Page - National Semiconductor (TI) PC87591L Datasheet HTML 124Page - National Semiconductor (TI) PC87591L Datasheet HTML 125Page - National Semiconductor (TI) PC87591L Datasheet HTML 126Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
122
Revision 1.07
4.6
PS/2 INTERFACE
The PS/2 protocol is an industry-standard, PC-AT-compatible interface for keyboards. It uses a two-wire bidirectional TTL
interface for data transmission. Several vendors also supply PS/2 mouse products and other pointing devices that employ
the same type of interface.
The PC87591x provides four PS/2 data transfer channels. Each channel has two quasi-bidirectional signals that serve as
direct interfaces to an external keyboard, mouse or any other PS/2-compatible pointing device. Since the four channels are
identical, the connector ports are interchangeable.
4.6.1
Features
●
Four PS/2 channels
●
Enable/Disable for each of the four channels
●
Automatic hardware shift mechanism
●
Hardware support for PS/2 auxiliary device protocol
●
Processor interrupts at the beginning and end of data transfer
●
Optional software-based PS/2 implementation
4.6.2
General Description
In the previous generation of keyboard controllers, firmware executed the PS/2 device interface by toggling the interface
signals. The PC87591x (and its predecessor, the PC87570) supports this bit toggling mode via either polling or interrupt-
driven clock edge detection.
PS/2 devices’ firmware is significantly simplified through the use of a hardware accelerator mechanism. The accelerator in-
cludes an 8-bit shift register, a state-machine and control logic that handle both the incoming and outgoing data. It reduces
code overhead, performance requirements and reduces the overall interrupt latency from the core firmware. The hardware
is designed to meet the PS/2 device interface as defined in Keyboard and Auxiliary Device Controller (Types 1 and 2),
August 1988.
Section Naming conventions
●
In this section, the term “channel” describes the interface to one of the PS/2 devices and its two associated signals
(clock and data).
●
The term “shift mechanism” refers to the hardware accelerator.
●
The term “PS/2 interface” refers to the entire mechanism.
Interface Signals
The PS/2 interface includes eight external signals (PSCLK4-1 and PSDAT4-1) and six registers.
Module Block Diagram
A schematic description of the PS/2 interface appears in Figure 38. The interface to the three channels is symmetric and
only channel 1 is detailed in the figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com