Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 120 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 120 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 116Page - National Semiconductor (TI) PC87591L Datasheet HTML 117Page - National Semiconductor (TI) PC87591L Datasheet HTML 118Page - National Semiconductor (TI) PC87591L Datasheet HTML 119Page - National Semiconductor (TI) PC87591L Datasheet HTML 120Page - National Semiconductor (TI) PC87591L Datasheet HTML 121Page - National Semiconductor (TI) PC87591L Datasheet HTML 122Page - National Semiconductor (TI) PC87591L Datasheet HTML 123Page - National Semiconductor (TI) PC87591L Datasheet HTML 124Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
120
Revision 1.07
Port Direction Registers (PxDIR and PwDIR)
These registers configure the direction of the Px and Pw pins.
●
When cleared (0), each bit in PxDIR or PwDIR defines the corresponding pin as input.
●
When set (1), each pin is defined as output.
PxDIR and PwDIR are cleared (0) on reset except when otherwise noted in Appendix A. Clearing these registers configures
all the pins in port Px and Pw as input. Some specific reset values differ, as described in Appendix A on page 408.
Location: See Appendix A
Type: R/W
Port Data Output Register (PxDOUT, PzDOUT and PwDOUT)
Writing to PxDOUT, PzDOUT or PwDOUT registers sets the values of the output pins in ports Px, Pz and Pw, respectively.
Reading from one of these registers returns the last value written to the register.
Location: See Appendix A
Type: R/W
Port Data Input Registers (PxDIN, PyDIN and PwDIN)
Reading from PxDIN, PyDIN or PwDIN returns the current value of the pins in port Px, Py and Pw, respectively.
Location: See Appendix A
Type: RO
Bit
76543210
Name
Px Port Direction
Reset
00000000
Bit
76543210
Name
Pw Port Direction
Reset
00000000
Bit
76543210
Name
Px Port Output Data
Bit
76543210
Name
Pz Port Output Data
Bit
76543210
Name
Pw Port Output Data
Bit
76543210
Name
Px Port Input Data
Bit
76543210
Name
Py Port Input Data
Bit
76543210
Name
Pw Port Input Data
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com