Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 123 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 123 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 119Page - National Semiconductor (TI) PC87591L Datasheet HTML 120Page - National Semiconductor (TI) PC87591L Datasheet HTML 121Page - National Semiconductor (TI) PC87591L Datasheet HTML 122Page - National Semiconductor (TI) PC87591L Datasheet HTML 123Page - National Semiconductor (TI) PC87591L Datasheet HTML 124Page - National Semiconductor (TI) PC87591L Datasheet HTML 125Page - National Semiconductor (TI) PC87591L Datasheet HTML 126Page - National Semiconductor (TI) PC87591L Datasheet HTML 127Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
123
www.national.com
Quasi-Bidirectional Drivers
The quasi-bidirectional drivers have an open-drain output (Q2), an internal pull-up (Q3) and a low-impedance pull-up(Q1).
Q2 pulls the signal low whenever the output buffer data is “0”. The weak pull-up (Q3) is active whenever the output buffer
data is “1” and WPUEN in PSCON register is set (1). The low impedance pull-up is active whenever the PC87591x changes
the output data buffer from “0” to “1”, thereby reducing the low-to-high transition time. The length of time that the low-imped-
ance pull-up is active is determined by HDRV field in PSCON register. A schematic description of this output driver appears
in Figure 39.
Interrupt Signals
The firmware can use an interrupt-driven scheme to implement the PS/2 device interface. When the shift mechanism is not
in use, four interrupts are available (PSINT4-1), one for each channel. (PSINT4 is not connected to the ICU as a separate
input, the MIWU PSCLK4 input should be used instead). When the shift mechanism is in use, only one interrupt signal is
used (PSINT1). More details on the use of the interrupts are provided in Section 4.6.4 on page 125. Figure 40 illustrates the
interrupt scheme with the associated enable bits.
Channel 4
Channel 3
Channel 1
Channel 2
Shift Mechanism
EN1
PSCLK1
PSDAT1
DATO1
DATI1
CLKO1
CLKI1
EN2
DATO2
DATI2
CLKO2
CLKI2
EN3
DATO3
DATI3
CLKO3
CLKI3
CLK1
WDAT1
RCLK1
RDAT1
ENSM
PS/2 I/F
Registers
Figure 38. PS/2 Interface Functional Diagram
EN4
DATO4
DATI4
CLKO4
CLKI4
+VCC
Q1
Q2
Q3
Rising Edge
Detector
Output Buffer Data
Input Buffer Data
Figure 39. Quasi-Bidirectional Buffer
WPUEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com