Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 127 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 127 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 123Page - National Semiconductor (TI) PC87591L Datasheet HTML 124Page - National Semiconductor (TI) PC87591L Datasheet HTML 125Page - National Semiconductor (TI) PC87591L Datasheet HTML 126Page - National Semiconductor (TI) PC87591L Datasheet HTML 127Page - National Semiconductor (TI) PC87591L Datasheet HTML 128Page - National Semiconductor (TI) PC87591L Datasheet HTML 129Page - National Semiconductor (TI) PC87591L Datasheet HTML 130Page - National Semiconductor (TI) PC87591L Datasheet HTML 131Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
127
www.national.com
End of Receive
When the stop-bit is detected, the shift mechanism enters the “End-Of-Reception” state. In this state, the shift mechanism:
●
Disables all the clock signals by forcing them low
●
Sets End-Of-Transaction status bit (EOT = 1 in PSTAT register)
●
If EOTIE bit in PSTAT register is set, it asserts (1) the interrupt signal to the ICU.
The shift mechanism stays in this state until it is reset.
Figure 42 illustrates the receive byte sequence, as defined by the PS/2 standard.
Transmit Mode
Transmit Inactive
When the shift mechanism is enabled and XMT bit in PSCON register is set (1):
●
The shift mechanism enters Transmit mode in Transmit Inactive state with all clock signals low and data signals high
(PSOSIG = 4716).
●
The firmware writes the data to be transmitted to the PS/2 data register (PSDAT).
●
The data line of the channel to be transmitted is forced low by the firmware clearing its data bit (WDAT4-1 for chan-
nels 4-1, respectively).
Transmit Idle
The Transmit Idle state can be entered by setting the channel enable bit (CLK4-1 for channel 4-1, respectively). This enables
the channel to be used for transmission. In this state, the shift-mechanism sets the clock of the enabled channel high (1)
while the data line of that channel is held low and waits for a start bit. When a PS/2 device senses the clock signal high with
the data signal low, it identifies a transmit request from the PC87591x.
The three channels not in use are disabled by forcing “0” on their clock lines.
Start Bit Detection
The start bit is identified by a falling edge on the clock signal while the data signal is low (0).
When a start bit is detected, data transmission begins by outputting bit 0 (LSB) of the transmitted data and setting data bits
WDAT4-1 in PSOSIG register. This allows bit 0 of the transmitted data to be output on the PS/2 data signal (PSDAT1,
PSDAT2, PSDAT3 or PSDAT4, according to the active channel).
In addition, the hardware sets the SOT bit (to 1) and stores the active channel number in ACH field, indicating transmission
of the start bit in PSTAT register. Note that if SOTIE bit in PSIEN register is set, an interrupt signal to the ICU is set high.
The firmware can use this interrupt to start a time-out timer for the data transfer.
Transmit Active
After identifying the start bit, the shift mechanism enters the Transmit Active state. The clock signal of the selected device
(PSCLK1, PSCLK2, PSCLK3 or PSCLK4) sets the data bit rate.
CLK
DATA
Bit 0
Parity Bit
Stop Bit
Start Bit
1st
CLK
2nd
CLK
10th
CLK
11th
CLK
Figure 42. PS/2 Receive Data Byte Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com