Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 131 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 131 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 127Page - National Semiconductor (TI) PC87591L Datasheet HTML 128Page - National Semiconductor (TI) PC87591L Datasheet HTML 129Page - National Semiconductor (TI) PC87591L Datasheet HTML 130Page - National Semiconductor (TI) PC87591L Datasheet HTML 131Page - National Semiconductor (TI) PC87591L Datasheet HTML 132Page - National Semiconductor (TI) PC87591L Datasheet HTML 133Page - National Semiconductor (TI) PC87591L Datasheet HTML 134Page - National Semiconductor (TI) PC87591L Datasheet HTML 135Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
131
www.national.com
PS/2 Output Signal Register (PSOSIG)
The PSOSIG register is a byte-wide, read/write register. It allows setting the value of the PS/2 port signals. When the shift
mechanism is enabled, the clock control bits in this register define the active channel(s). On reset, this register is set to 4716.
Location: 00 FE8616
Type: R/W
6-4
IDB (Input Debounce). Defines the number of PC87591x clock cycles during which the clock input is expected
to be stable before the shift mechanism identifies its new value. This protects the shift mechanism from false
edge detections. The number of PC87591x clock cycles for which the input should be stable before an edge is
detected is as follows:
Bits
6 5 4
Description
0 0 0:
One cycle
0 0 1:
Two cycles
0 1 0:
Four cycles
0 1 1:
Eight cycles
1 0 0:
16 cycles
1 0 1:
32 cycles
7
WPUEN (Weak Pull-Up Enable).
0: The pull-up is disabled. In this state, the system must ensure that PS/2 interface signals are not floating, to en-
able proper PS/2 operation.
1: Enables the internal pull-up of the output buffer. The pull-up remains active as long as the buffer does not drive
the signal to low level.
Bit
76543210
Name
CLK4
WDAT4
CLK3
CLK2
CLK1
WDAT3
WDAT2
WDAT1
Reset
01000111
Bit
Description
0
WDAT1 (Write Data Signal Channel 1). Controls the data output to channel 1 data signal (PSDAT1). Use of
this bit depends on whether or not the shift mechanism is enabled.
• When the shift mechanism is disabled (EN bit in PSCON register is set to 0), the data in WDAT1 is output to
PSDAT1 signal.
− If WDAT1 is cleared (0), the output buffer data is 0 (i.e., PSDAT1 is forced low).
− If WDAT1 is set (1), the output buffer data is 1 (i.e., PSDAT1 is pulled high by the internal pull-up and may
be pulled low by an external device).
• When the shift mechanism is enabled (EN=1), WDAT1 should be set to 1, except when the shift mechanism is
in Transmit mode. In this case, when in transmit-inactive and it is intended to transmit data to channel 1, the
firmware should clear WDAT1 bit to force the transmit signaling (low) to the PS/2 device.
Note: WDAT1 is set by the hardware after the PC87591x detected a start bit (i.e., on entering Transmit Active
state). If a transmission is aborted before Transmit Active state, WDAT1 should be set (1) prior to disabling
the channel.
1
WDAT2 (Write Data Signal Channel 2). Controls the data output to channel 2 data signal (PSDAT2). For more
information, see the description of bit 1 (above).
2
WDAT3 (Write Data Signal Channel 3). Controls the data output to channel 3 data signal (PSDAT3). For more
information, see the description of bit 1 (above).
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com