Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 129 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 129 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 125Page - National Semiconductor (TI) PC87591L Datasheet HTML 126Page - National Semiconductor (TI) PC87591L Datasheet HTML 127Page - National Semiconductor (TI) PC87591L Datasheet HTML 128Page - National Semiconductor (TI) PC87591L Datasheet HTML 129Page - National Semiconductor (TI) PC87591L Datasheet HTML 130Page - National Semiconductor (TI) PC87591L Datasheet HTML 131Page - National Semiconductor (TI) PC87591L Datasheet HTML 132Page - National Semiconductor (TI) PC87591L Datasheet HTML 133Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
129
www.national.com
PS/2 Register Map
PS/2 Data Register (PSDAT)
The PSDAT register is a byte-wide read/write register. In Receive mode, PSDAT holds the data received in the last message
from the PS/2 device. In Transmit mode, the data to be shifted out is written to this register. When the PS/2 i/f is reset, the
contents of this register become invalid.
On reset, the PS/2 interface is set to Receive mode. In this mode, PSDAT should be read only when EOT bit in PSTAT
register is set to 1.
Setting the transmit enable bit in PSCON register to 1 (XMT = 1 in PSCON register) puts the PS/2 interface in Transmit
mode. PSDAT should be written only when in Transmit mode and when all four channel enable bits CLK4-1 in PSOSIG reg-
ister are cleared (0).
Location: 00 FE8016
Type: R/W
PS/2 Status Register (PSTAT)
The PSTAT register is a byte-wide read-only register. It contains the status information on the data transfer on the PS/2
ports. All non-reserved bits of PSTAT are cleared (0) on reset when CLK1, CLK2 and CLK3 in PSOSIG are cleared and
when EN bit in PSCON register is cleared. Reading PSTAT does not clear any of its bits.
Location: 00 FE8216
Type: RO
Mnemonic
Register Name
Type
PSDAT
PS/2 Data Register
R/W
PSTAT
PS/2 Status Register
RO
PSCON
PS/2 Control Register
R/W
PSOSIG
PS/2 Output Signal Register
R/W
PSISIG
PS/2 Input Signal Register
RO
PSIEN
PS/2 Interrupt Enable Register
R/W
Bit
76543210
Name
Data
Bit
Description
7-0
Data. Contains the data received in the last message (or that is transmitted in the following transmission). Bit 0
is the first bit to be shifted (LSB).
Bit
76543210
Name
Reserved
RFERR
ACH
PERR
EOT
SOT
Reset
x
0000000
Bit
Description
0
SOT (Start of Transaction). When set to 1, indicates that a start bit was detected. The ACH field (bits 5-3 of
this register) indicates which of the channels it was detected on.
1
EOT (End of Transaction). When set to 1, Indicates that a PS/2 data transfer was completed, i.e., a stop bit
was detected at Receive mode or a line control bit was detected at Transmit mode.
2
PERR (Parity Error).
When set to 1, indicates that a parity error was detected in the last data transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com