Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 133 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 133 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 129Page - National Semiconductor (TI) PC87591L Datasheet HTML 130Page - National Semiconductor (TI) PC87591L Datasheet HTML 131Page - National Semiconductor (TI) PC87591L Datasheet HTML 132Page - National Semiconductor (TI) PC87591L Datasheet HTML 133Page - National Semiconductor (TI) PC87591L Datasheet HTML 134Page - National Semiconductor (TI) PC87591L Datasheet HTML 135Page - National Semiconductor (TI) PC87591L Datasheet HTML 136Page - National Semiconductor (TI) PC87591L Datasheet HTML 137Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
133
www.national.com
PS/2 Interrupt Enable Register (PSIEN)
The PSIEN register is an 8-bit read/write register. It enables/disables the various interrupts generated by the PS/2 module.
Bits in PSIEN register may be cleared to 0 only when interrupts are disabled (i.e., in the core, I or E bits in PSR register are
0) or when the corresponding interrupts in the ICU are masked. Bits in PSIEN register may be set to 1 at any time. On reset,
non-reserved bits of PSIEN are cleared.
Location: 00 FE8A16
Type: R/W
Bit
76543210
Name
Reserved
DSMIE
EOTIE
SOTIE
Reset
00000000
Bit
Description
0
SOTIE (Start of Transaction Interrupt Enable). Used for enabling the interrupt generation on a transaction
start detection.
0: SOT bit in PSTAT register does not affect the interrupt signal.
1: The interrupt signal (PSINT1) to the ICU is active (1) whenever SOT bit in PSTAT register is set.
Note: Once set, SOT is not cleared until the shift mechanism is reset. Therefore SOTIE should be cleared on
the first occurrence of an SOT interrupt. SOTIE should be set (1) when the PS/2 module is programed to
handle the impending transfer.
1
EOTIE (End of Transaction Interrupt Enable). Used for enabling the interrupt generation on an End of
Transaction detection.
0: EOT bit in PSTAT register does not affect the interrupt signal.
1: The interrupt signal (PSINT1) to the ICU is active (1) whenever EOT bit in PSTAT register is set.
Note: Once set, EOT is not cleared until the shift mechanism is reset. Therefore EOTIE should be cleared on
the first occurrence of an EOT interrupt. EOTIE should be set (1) when the PS/2 module is programed to
handle the impending transfer.
2
Disabled Shift Mechanism Interrupt Enable (DSMIE). Used for enabling the interrupt generation when the
shift mechanism is disabled.
0: The four interrupt signals are low. Note that PSINT1 may be activated (1) by other interrupt sources of the module.
1: The clock input signals are connected to the Interrupt Control Unit (ICU), to allow implementing an interrupt driv-
en PS/2 protocol. The four interrupts generated are PSINT1, PSINT2, PSINT3 and PSINT4, for channels 1, 2,
3 and 4, respectively. Note that PSINT4 is connected to the MIWU and not directly to the ICU.
Note: When the shift mechanism is disabled, no debounce is applied to the PSCLK inputs before producing the
interrupt signals, except for local synchronization.
7-3
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com