Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 137 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 137 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 133Page - National Semiconductor (TI) PC87591L Datasheet HTML 134Page - National Semiconductor (TI) PC87591L Datasheet HTML 135Page - National Semiconductor (TI) PC87591L Datasheet HTML 136Page - National Semiconductor (TI) PC87591L Datasheet HTML 137Page - National Semiconductor (TI) PC87591L Datasheet HTML 138Page - National Semiconductor (TI) PC87591L Datasheet HTML 139Page - National Semiconductor (TI) PC87591L Datasheet HTML 140Page - National Semiconductor (TI) PC87591L Datasheet HTML 141Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
137
www.national.com
Figure 47 shows a block diagram of the timer operating in mode 1. In PWM mode, counter 1, TnCNT1, functions as the time
base for the PWM timer. Counter 1 counts down at the clock rate selected via the counter 1 clock selector. When an under-
flow occurs, the timer register is reloaded alternately from the TnCRA and TnCRB registers, and counting proceeds down-
ward from the loaded value. On reset, and every time this mode is entered, the first reload in this mode is from the TnCRA
register. Once enabled, the counter starts counting down from the value currently loaded to it. At the first underflow, the timer
is loaded from TnCRA; on the second underflow, it is loaded from TnCRB; on the third underflow, it is loaded from TnCRA,
and so on. Note that every time the counter is stopped through the selection of “No-Clock” in the counter 1 clock selector
(TnCKC), it obtains its first reload value after it has been re-started from TnCRA register.
The timer can be configured to toggle TAn output bit on underflow. This results in the generation of a clock signal on TAn,
with the width and duty cycle controlled by the values stored in TnCRA and TnCRB registers. This PWM clock is processor-
independent because once the timer is set up, no more interaction is required by software (and therefore the CPU) to gen-
erate a continuous PWM signal. Software can select the initial value of the PWM output signal as either high or low. See
“Timer I/O Functions” on page 141 for additional details. The timer can be configured to generate separate interrupts on re-
load from TnCRA and TnCRB. The interrupts can be enabled or disabled under software control. The TAnPND or TnBPND
flags, respectively, which are set by the hardware on occurrence of a timer reload, indicate which interrupt occurred. See
Section 4.7.4 on page 140 for detailed information.
In this mode of operation, timer/counter 2 can be used as a simple system timer, an external event counter or a pulse accu-
mulate counter. Counter TnCNT2 counts down with the clock selected via the counter 2 clock selector, and TnCNT2 can be
configured to generate an interrupt on underflow if the interrupt is enabled by TnDIEN bit. See Section 4.7.4 on page 140
for detailed information.
Mode 2, Dual Input Capture
Dual Input Capture mode can be used to precisely measure the frequency of an external clock that is slower than the se-
lected clock source frequency or to measure the elapsed time between external events. A transition received on the TAn or
TBn pin causes a transfer of timer/counter 1 contents to TnCRA or TnCRB register, respectively. In this mode, timer/counter
2 can be utilized as a system timer that is pre-loaded by software and generates an interrupt on underflow.
Figure 48 shows a block diagram of the timer operating in mode 2. In this mode of operation, the timebase of the capture
timer is formed by counter 1, which counts down with the clock selected via the counter 1 clock selector. In Dual Input Cap-
ture mode, TAn and TBn pins function as capture inputs. A transition received on TAn pin causes a transfer of the timer
contents to TnCRA register. Similarly, a transition received on the TBn pin causes a transfer of the timer contents to TnCRB
register. TAn and TBn inputs can be configured to perform a counter preset to FFFF16 on reception of a valid capture event.
Reload A = Time 1
Timer/Counter 1
Reload B = Time 2
Timer 1
Clock
Underflow
TAn
TAIEN
TAPND
TnCNT1
TnCRA
TnCRB
TBIEN
TBPND
Timer
Interrupt 1
Timer
Interrupt 1
TAEN
Timer/Counter 2
TnCNT2
Timer 2
Clock
TDIEN
TDPND
Timer
Interrupt 2
TBn
Clock
Selector
Underflow
Figure 47. Mode 1, PWM and Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com