Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 141 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 141 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 137Page - National Semiconductor (TI) PC87591L Datasheet HTML 138Page - National Semiconductor (TI) PC87591L Datasheet HTML 139Page - National Semiconductor (TI) PC87591L Datasheet HTML 140Page - National Semiconductor (TI) PC87591L Datasheet HTML 141Page - National Semiconductor (TI) PC87591L Datasheet HTML 142Page - National Semiconductor (TI) PC87591L Datasheet HTML 143Page - National Semiconductor (TI) PC87591L Datasheet HTML 144Page - National Semiconductor (TI) PC87591L Datasheet HTML 145Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
141
www.national.com
4.7.5
Timer I/O Functions
There are two I/O pins associated with each of the MFT16 modules: TAn and TBn, where n denotes the module on a given
device. The functionality of TA and TB depends on the mode of operation and the value of TAEN and TBEN bits. Table 20
shows the function of TA and TB versus the selected mode of operation. Note that if TA functions as a PWM output, the
initial and present value of TA is defined by TAOUT. For example, to start with TA high, TAOUT must be set (1) prior to
enabling the timer clock.
4.7.6
Operation in Development System
The MFT16 supports freezing the counters during breakpoints while operating in development systems. If FREEZE bit is
asserted, all timer counter clocks are inhibited, and the current values of timer/counter registers TnCNT1 and TnCNT2 are
frozen. Once FREEZE becomes inactive, counting resumes from the previous value. See 4.20.5 on page 273 for more de-
tails.
Table 20. MFT16 I/O Functions
I/O
TnAEN
TnBEN
Mode 1
Mode 2
Mode 3
Mode 4
PWM and Counter
Dual Input Capture
Dual Independent
Timer
Input Capture and
Timer
TAn
TnAEN=0
TnBEN=X
No Output
Capture TnCNT1
into TnCRA
No Output toggle
No Output toggle
TnAEN=1
TnBEN=X
Toggle Output on
underflow of TnCNT1
Capture TnCNT1
into TnCRA and
preset TnCNT1
Toggle Output on
underflow of TnCNT1
Toggle Output on
underflow of TnCNT1
TBn
TnAEN=X
TnBEN=0
Ext. Event or Pulse
Accumulate Input
Capture TnCNT1
into TnCRB
Ext. Event or Pulse
Accumulate Input
Capture TnCNT2
into TnCRB
TnAEN=X
TnBEN=1
Ext. Event or Pulse
Accumulate Input
Capture TnCNT1
into TnCRB and
preset TnCNT1
Ext. Event or Pulse
Accumulate Input
Capture TnCNT2
into TnCRB and
preset TnCNT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com