Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 142 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 142 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 138Page - National Semiconductor (TI) PC87591L Datasheet HTML 139Page - National Semiconductor (TI) PC87591L Datasheet HTML 140Page - National Semiconductor (TI) PC87591L Datasheet HTML 141Page - National Semiconductor (TI) PC87591L Datasheet HTML 142Page - National Semiconductor (TI) PC87591L Datasheet HTML 143Page - National Semiconductor (TI) PC87591L Datasheet HTML 144Page - National Semiconductor (TI) PC87591L Datasheet HTML 145Page - National Semiconductor (TI) PC87591L Datasheet HTML 146Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
142
Revision 1.07
4.7.7
MFT16 Registers
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
MFT16 Register Map
Timer/Counter Register 1 (TnCNT1)
The TnCNT1 register is a word-wide read/write register that is not altered by reset. The value on power-on is unknown.
Location: MFT16 1: 00 FD8016
MFT16 2: 00 FDA016
Type: R/W
Reload/Capture Register A (TnCRA)
The TnCRA register is a word-wide read/write register that is not affected by reset and thus contains random data on power-up.
Location: MFT16 1: 00 FD8216
MFT16 2: 00 FDA216
Type: R/W
Reload/Capture Register B (TnCRB)
The TnCRB register is a word-wide read/write register that is not affected by reset and thus contains random data on power-up.
Location: MFT16 1: 00 FD8416
MFT16 2: 00 FDA416
Type: R/W
Mnemonic
Register Name
Type
TnPRSC
Clock Pre-Scaler Register
R/W
TnCKC
Clock Unit Control Register
R/W
TnCNT1
Timer/Counter Register 1
R/W
TnCNT2
Timer/Counter Register 2
R/W
TnCRA
Reload/Capture Register A
R/W
TnCRB
Reload/Capture Register B
R/W
TnCTRL
Timer Mode Control Register
R/W
TnICTL
Timer Interrupt Control Register
R/W
TnICLR
Timer Interrupt Clear Register
WO
Bit
15
14
13
12
11
10
9876543210
Name
TCNT1
Bit
15
14
13
12
11
10
9876543210
Name
TCRA
Bit
15
14
13
12
11
10
9876543210
Name
TCRB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com