Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 145 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 145 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 141Page - National Semiconductor (TI) PC87591L Datasheet HTML 142Page - National Semiconductor (TI) PC87591L Datasheet HTML 143Page - National Semiconductor (TI) PC87591L Datasheet HTML 144Page - National Semiconductor (TI) PC87591L Datasheet HTML 145Page - National Semiconductor (TI) PC87591L Datasheet HTML 146Page - National Semiconductor (TI) PC87591L Datasheet HTML 147Page - National Semiconductor (TI) PC87591L Datasheet HTML 148Page - National Semiconductor (TI) PC87591L Datasheet HTML 149Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
145
www.national.com
Timer Interrupt Control Register (TnICTL)
The TnICTL register is a byte-wide read/write register. It contains the interrupt enable bit and associated interrupt pending
bits for the four timer interrupt sources. The TnICTL register format is shown below. The register is cleared on reset.
Location: MFT16 1: 00 FD8E16
MFT16 2: 00 FDAE16
Type: R/W
6
TAOUT (TAn Output Data). Contains the value of TAn output when TAn is used as a PWM output.
0: TAn is low
1: TAn is high
This bit is set and cleared by hardware and thus reflects the status of TAn. This bit can be read at any time. It
may be used to set the initial value of TAn output in PWM mode. Note that if the hardware attempts to toggle
this bit at the same time as software is writing to the bit, the software write takes precedence over the hardware
update. This bit has no effect when TAn is used as input.
7
Reserved.
Bit
76543210
Name
TDIEN
TCIEN
TBIEN
TAIEN
TDPND
TCPND
TBPND
TAPND
Reset
00000000
Bit
Description
0
TAPND (Timer Interrupt Source A Pending). When asserted, indicates that an interrupt condition (as shown
in Table 19 on page 140) has occurred. This bit can be set by either hardware or software.
This bit is cleared by a writing 1 to the respective bit in Timer Interrupt Clear register.
A write of 0 to this bit is ignored. The bit is cleared (0) on reset.
1
Timer Interrupt Source B Pending (TBPND). Same as TAPND but for a different condition, as shown in
Table 19.
2
Timer Interrupt Source C Pending (TCPND). Same as TAPND but for a different condition, as shown in
Table 19.
3
Timer Interrupt Source D Pending (TDPND). Same as TAPND but for a different condition, as shown in
Table 19.
4
TAIEN (Timer Interrupt A Enable).
0: No system interrupt occurs, but the associated pending flag TAPND is set
1: Enables a system interrupt based on the occurrence of a condition, as listed in Table 19
Note: The bit can be set or cleared by software at any time.
5
TBIEN (Timer Interrupt B Enable).
0: No system interrupt occurs, but the associated pending flag TBPND is set
1: Enables a system interrupt based on the occurrence of a condition, as listed in Table 19
Note: The bit can be set or cleared by software at any time.
6
TCIEN (Timer Interrupt C Enable).
0: No system interrupt occurs, but the associated pending flag TCPND is set
1: Enables a system interrupt based on the occurrence of a condition, as listed in Table 19
Note: The bit can be set or cleared by software at any time.
7
TDIEN (Timer Interrupt D Enable).
0: No system interrupt occurs, but the associated pending flag TDPND is set
1: Enables a system interrupt based on the occurrence of a condition, as listed in Table 19
Note: The bit can be set or cleared by software at any time.
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com