Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 149 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 149 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 145Page - National Semiconductor (TI) PC87591L Datasheet HTML 146Page - National Semiconductor (TI) PC87591L Datasheet HTML 147Page - National Semiconductor (TI) PC87591L Datasheet HTML 148Page - National Semiconductor (TI) PC87591L Datasheet HTML 149Page - National Semiconductor (TI) PC87591L Datasheet HTML 150Page - National Semiconductor (TI) PC87591L Datasheet HTML 151Page - National Semiconductor (TI) PC87591L Datasheet HTML 152Page - National Semiconductor (TI) PC87591L Datasheet HTML 153Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
149
www.national.com
Cycle Time Register (CTR)
The CTR register controls the cycle time and duty cycle steps, CTR is set (FF16) on reset.
Location: 00 FD0216
Type: R/W
Duty Cycle Registers 0 to 7 (DCRi)
The DCRi (i = 0 to 7) registers control the duty cycle of PWMi output signal. DCRi is cleared (0016) on reset.
Location: Channel 0 - 00 FD0816
Channel 1 - 00 FD0A16
Channel 2 - 00 FD0C16
Channel 3 - 00 FD0E16
Channel 4 - 00 FD1016
Channel 5 - 00 FD1216
Channel 6 - 00 FD1416
Channel 7 - 00 FD1616
Type: R/W
Bit
76543210
Name
CTR7-0
Reset
11111111
Bit
Description
7-0
Cycle Time Value. The 8-bit down-counter divides the pre-scaler output clock by the number defined by
CTR(7:0) + 1. For example, a value of 0016 results in a divide by 1, a value of FF16 results in a divide by 256.
The contents of this register may be changed only when the PWM module is in Low Power mode. Otherwise,
there may be unpredictable results.
Bit
76543210
Name
DCRi7-0
Reset
00000000
Bit
Description
7-0
Duty Cycle Value. DCRi register defines the number of clocks for which PWMi is high (from the full cycle of the
PWMi cycle), when Inverse PWMi bit in PWM Polarity register is 0.
If the DCRi value > CTR value, PWMi signal is always low.
If DCRi value == CTR value, PWMi signal is always high.
When Inverse PWMi bit is 1, the value of PWMi is inverse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com