Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 151 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 151 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 147Page - National Semiconductor (TI) PC87591L Datasheet HTML 148Page - National Semiconductor (TI) PC87591L Datasheet HTML 149Page - National Semiconductor (TI) PC87591L Datasheet HTML 150Page - National Semiconductor (TI) PC87591L Datasheet HTML 151Page - National Semiconductor (TI) PC87591L Datasheet HTML 152Page - National Semiconductor (TI) PC87591L Datasheet HTML 153Page - National Semiconductor (TI) PC87591L Datasheet HTML 154Page - National Semiconductor (TI) PC87591L Datasheet HTML 155Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
151
www.national.com
4.9
UNIVERSAL SYNCHRONOUS/ASYNCHRONOUS RECEIVER-TRANSMITTER (USART)
The USART is a full-duplex synchronous/asynchronous receiver-transmitter that supports a wide range of software program-
mable baud rates and data formats. It handles automatic parity generation and several error detection schemes. DMA trans-
fers are supported to enable fast processor-independent receive and transmit.
4.9.1
Features
●
Full duplex double-buffered receiver-transmitter
●
Synchronous operation
●
Asynchronous operation
●
Programmable baud rate between CLK/2 and CLK/32768 baud
●
Numerous framing formats
— seven, eight or nine data bits
— one or two stop bits
— odd, even, mark, space or no parity
●
Hardware support of parity-bit generation during transmission and parity-bit check during reception
●
Interrupt on transmit buffer empty, receive buffer full and receive error conditions with separate enable
●
Software-controlled break transmission and detection
●
Software-controlled reset, enable/disable
●
Internal diagnostic capability
●
Automatic error detection
— Parity Error
— Framing Error
— Data Overrun Error
●
9-bit Attention mode
●
DMA support for transmit and receive with separate enable
4.9.2
Functional Overview
The USART is composed of the following functional units:
●
Transmitter
●
Receiver
●
Baud rate generator
●
Control and error detection
Figure 52 shows a block diagram of the USART.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com