Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 155 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 155 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 151Page - National Semiconductor (TI) PC87591L Datasheet HTML 152Page - National Semiconductor (TI) PC87591L Datasheet HTML 153Page - National Semiconductor (TI) PC87591L Datasheet HTML 154Page - National Semiconductor (TI) PC87591L Datasheet HTML 155Page - National Semiconductor (TI) PC87591L Datasheet HTML 156Page - National Semiconductor (TI) PC87591L Datasheet HTML 157Page - National Semiconductor (TI) PC87591L Datasheet HTML 158Page - National Semiconductor (TI) PC87591L Datasheet HTML 159Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
155
www.national.com
Figure 55. Seven Data Bit Frame Options
The format shown in Figure 56 consists of one start bit, eight data bits (excluding parity) and one or two stop bits. If parity
bit generation is enabled by setting the PEN bit, a parity bit is generated and transmitted following the eight data bits.
Figure 56. Eight Data Bit Frame Options
The format shown in Figure 57 consists of one start bit, nine data bits and one or two stop bits. This format also supports
the USART attention feature. When operating in this format, all eight bits of UTBUF and URBUF are used for data. The ninth
data bit is transmitted and received using two bits in the control registers, called STPXB9 and RB9. Parity is not generated
or verified in this mode.
Figure 57. Nine Data Bit Frame Options
Baud Rate Generator
The Baud Rate Generator provides the basic baud clock from the system clock. The system clock is passed through a two-
stage divider chain consisting of a 5-bit baud rate pre-scaler (PSC) and an 11-bit baud rate divisor (DIV).
The correspondences between the 5-bit pre-scaler select (PSC) and pre-scaler factors are shown in Table 21.
1
START
BIT
7-BIT DATA
S
1a
START
BIT
7-BIT DATA
2S
1c
START
BIT
7-BIT DATA
2S
PA
1b
START
BIT
7-BIT DATA
S
PA
2
START
BIT
8-BIT DATA
S
2a
START
BIT
8-BIT DATA
2S
2b
START
BIT
8-BIT DATA
S
PA
2c
START
BIT
8-BIT DATA
2S
PA
3
START
BIT
9-BIT DATA
S
3a
START
BIT
9-BIT DATA
2S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com