Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 156 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 156 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 152Page - National Semiconductor (TI) PC87591L Datasheet HTML 153Page - National Semiconductor (TI) PC87591L Datasheet HTML 154Page - National Semiconductor (TI) PC87591L Datasheet HTML 155Page - National Semiconductor (TI) PC87591L Datasheet HTML 156Page - National Semiconductor (TI) PC87591L Datasheet HTML 157Page - National Semiconductor (TI) PC87591L Datasheet HTML 158Page - National Semiconductor (TI) PC87591L Datasheet HTML 159Page - National Semiconductor (TI) PC87591L Datasheet HTML 160Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
156
Revision 1.07
A pre-scaler factor of zero corresponds to NO CLOCK. The NO CLOCK condition is the USART Power-Down mode. In this
mode, the USART clock is turned off in order to reduce power consumption. The user should set the pre-scaler factor to zero
(NO CLOCK) before selecting a new baud rate. Altering the baud rate while the USART is in operation could cause incorrect
data to be received or transmitted. UPSR register must contain a value other than zero when an external clock is used at
USCLK.
In Asynchronous mode, the baud rate is calculated by:
BR = SYS_CLK/(16 x N x P)
where:
●
BR is the baud rate
●
SYS_CLK is the system clock
●
N is the value of the baud rate divisor + 1
●
P is the pre-scaler divide factor selected by the value in the PSR register
The divide by 16 operation is performed because in Asynchronous mode, the input frequency to the USART is 16 times the
baud rate. In Synchronous mode, the input clock to the USART is equal to the baud rate.
Interrupts
The USART is capable of generating interrupts on one of the following conditions:
●
Receive Buffer Full
●
Receive Error
●
Transmit Buffer Empty
Table 21. Pre-Scaler Factors
Pre-Scaler Select
Pre-Scaler Factor
Pre-Scaler Select
Pre-Scaler Factor
00000
NO CLOCK
10000
8.5
00001
1
10001
9
00010
1.5
10010
9.5
00011
2
10011
10
00100
2.5
10100
10.5
00101
3
10101
11
00110
3.5
10110
11.5
00111
4
10111
12
01000
4.5
11000
12.5
01001
5
11001
13
01010
5.5
11010
13.5
01011
6
11011
14
01100
6.5
11100
14.5
01101
7
11101
15
01110
7.5
11110
15.5
01111
8
11111
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com