Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 160 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 160 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 156Page - National Semiconductor (TI) PC87591L Datasheet HTML 157Page - National Semiconductor (TI) PC87591L Datasheet HTML 158Page - National Semiconductor (TI) PC87591L Datasheet HTML 159Page - National Semiconductor (TI) PC87591L Datasheet HTML 160Page - National Semiconductor (TI) PC87591L Datasheet HTML 161Page - National Semiconductor (TI) PC87591L Datasheet HTML 162Page - National Semiconductor (TI) PC87591L Datasheet HTML 163Page - National Semiconductor (TI) PC87591L Datasheet HTML 164Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
160
Revision 1.07
Mode Select Register (UMDSL)
This byte-wide read/write register controls the selection of the clock source, Synchronous mode, Attention mode and line
break generation. It contains the enable bits for the DMA channels. The register is cleared (0016) on reset.
Location: 00 FD2A16
Type: R/W
Bit
76543210
Name
Reserved
ERD
ETD
CKS
BRK
ATN
MOD
Reset
00000000
Bit
Description
0
MOD. Selects the Synchronous or Asynchronous mode of operation:
0: Asynchronous mode
1: Synchronous mode
1
ATN. Selects the Attention mode of operation. Cleared by hardware after reception of an address frame that is
a 9-bit character with a “1” in the ninth bit position.
0: Disable Attention mode
1: Enable Attention mode
2
BRK. Setting the bit (1) causes UTXD to go low. UTXD remains low until the bit is cleared (0) by the user.
3
CKS. Controls the source of the clock while operating in Synchronous mode (MOD=1).
0: USART operates from the baud rate generator and outputs the baud rate clock on USCLK
1: USART operates from an external clock provided on USCLK
While the USART is operated in Asynchronous mode (MOD=0), the bit has no effect.
4
ETD.
0: No DMA request is asserted for transmit operations
1: DMA request is asserted when the Transmit Buffer Empty (TBE) flag is set (1)
5
ERD.
0: No DMA request is asserted for receive operations
1: DMA request is asserted when the Receive Buffer Full (RBF) flag is set (1)
7-6
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com