Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 164 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 164 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 160Page - National Semiconductor (TI) PC87591L Datasheet HTML 161Page - National Semiconductor (TI) PC87591L Datasheet HTML 162Page - National Semiconductor (TI) PC87591L Datasheet HTML 163Page - National Semiconductor (TI) PC87591L Datasheet HTML 164Page - National Semiconductor (TI) PC87591L Datasheet HTML 165Page - National Semiconductor (TI) PC87591L Datasheet HTML 166Page - National Semiconductor (TI) PC87591L Datasheet HTML 167Page - National Semiconductor (TI) PC87591L Datasheet HTML 168Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
164
Revision 1.07
4.10 TIMER AND WATCHDOG (TWD)
The Timer and WATCHDOG module (TWD) generates the clocks and interrupts used for timing periodic functions in the
system. It also provides WATCHDOG protection over software execution.
The TWD provides flexibility in system configuration by enabling the configuration of various clock ratios. After setting the
TWD configuration, the software can lock it to give a higher level of protection against erroneous software action. Once a
section of the TWD is locked, only reset releases it. See Figure 59 for the TWD block diagram.
4.10.1 Features
●
32.768 KHz input clock
●
Programmable pre-scale counter
●
16-bit programmable periodic interrupt timer
●
8-bit WATCHDOG counter
●
WATCHDOG signal generation in response to failure detection, such as:
— WATCHDOG service performed too early
— WATCHDOG service performed too late
— Wrong DATA used in a service by data match
4.10.2 Functional Description
Input Clock
The TWD bases all its counting activities on a 32.768 KHz clock. The WATCHDOG can count using a division of the 32 KHz
clock (either T0OUT or T0IN).
(TWCP)
32.768 KHz
16-Bit Timer
5-Bit Pre-Scale
Counter
WATCHDOG
Peripheral Bus
T0OUT
WATCHDOG
T0IN
FREEZE
TWDT0 Register
WDCNT
WDSDM
WATCHDOG
Service
Logic
Figure 59. Timer and WATCHDOG Block Diagram
from RTC
(DEV Env. only)
to ICU
WDCT0I bit (TWCFG Register)
T0IN
to ACM
Signal
to Reset Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com