Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 166 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 166 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 162Page - National Semiconductor (TI) PC87591L Datasheet HTML 163Page - National Semiconductor (TI) PC87591L Datasheet HTML 164Page - National Semiconductor (TI) PC87591L Datasheet HTML 165Page - National Semiconductor (TI) PC87591L Datasheet HTML 166Page - National Semiconductor (TI) PC87591L Datasheet HTML 167Page - National Semiconductor (TI) PC87591L Datasheet HTML 168Page - National Semiconductor (TI) PC87591L Datasheet HTML 169Page - National Semiconductor (TI) PC87591L Datasheet HTML 170Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
166
Revision 1.07
4.10.3 TWD Registers
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
TWD Register Map
Timer and WATCHDOG Configuration Register (TWCFG)
The TWCFG register is a byte-wide, read/write register. It defines the WATCHDOG clock input and service method and en-
ables TWD control register locking. Setting the required configuration and locking the TWCFG stops the software from in-
terfering with the WATCHDOG operation. On reset, non-reserved bits of TWCFG are initialized to 0.
Location: 00 FEE016
Type: R/W
Mnemonic
Register Name
Type
TWCFG
Timer and WATCHDOG Configuration Register
R/W
TWCP
Timer and WATCHDOG Clock Pre-Scaler Register
R/W
TWDT0
TWD Timer 0 Register
R/W
T0CSR
TWDT0 Control and Status Register
R/W
WDCNT
WATCHDOG Count Register
WO
WDSDM
WATCHDOG Service Data Match Register
WO
Bit
76543210
Name
Reserved
WDSDME
WDCT0I
LWDCNT
LTWDT0
LTWCP
LTWCFG
Reset
00000000
Bit
Description
0
LTWCFG.
0: Enables read/write from/to TWCFG register
1: Any data written to it is ignored and reading from it returns unpredictable values
Once LTWCFG is set, it can only be cleared by reset.
1
LTWCP.
0: Enables read/write from/to TWCP register
1: Any data written to it is ignored and reading from it returns unpredictable values
Once LTWCP is set, it can only be cleared by reset.
2
LTWDT0.
0: Enables read/write from/to TWDT0 and T0CSR registers
1: Registers cannot be written to and TWDT0 cannot be read. Any data written to TWDT0 or T0CSR is ignored.
Reading from TWDT0 returns unpredictable values.
Once LTWDT0 is set, it can only be cleared by reset.
3
LWDCNT.
0: Enables write to WDCNT register
1: Any data written to it is ignored and reading from it returns unpredictable values
Once LWDCNT is set, it can only be cleared by reset. When WDSDME bit is cleared, touch operations (i.e.,
writing to WDCNT register) may be performed when LWDCNT bit is either 0 or 1.
4
WDCT0I.
0: Selects T0OUT clock as the WATCHDOG clock
1: Selects T0IN as the input clock
The hardware clock source selection overrides this clock selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com