Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 168 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 168 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 164Page - National Semiconductor (TI) PC87591L Datasheet HTML 165Page - National Semiconductor (TI) PC87591L Datasheet HTML 166Page - National Semiconductor (TI) PC87591L Datasheet HTML 167Page - National Semiconductor (TI) PC87591L Datasheet HTML 168Page - National Semiconductor (TI) PC87591L Datasheet HTML 169Page - National Semiconductor (TI) PC87591L Datasheet HTML 170Page - National Semiconductor (TI) PC87591L Datasheet HTML 171Page - National Semiconductor (TI) PC87591L Datasheet HTML 172Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
168
Revision 1.07
TWDT0 Control and Status Register (T0CSR)
The T0CSR register is a read/write register. It controls the operation and provides the status of the T0 timer. The non-re-
served bits of T0CSR are cleared (0) on reset.
Location: 00 FEE616
Type: R/W
WATCHDOG Count Register (WDCNT)
The WDCNT register is a byte-wide, write-only register. It holds the value loaded into the WATCHDOG counter when it is
touched and counts down from it. The WATCHDOG is started by the first write to the register. Each successive write restarts
the WATCHDOG counter. A write to WDCNT functions as a touch operation when WDSDME bit TWCFG register is cleared,
even if WDCNT is locked; in this case, the WATCHDOG counter is restarted using the value loaded in PRESET field before
WDCNT was locked (i.e., the new PRESET value is ignored). On reset this register is initialized to 0F16.
Location: 00 FEE816
Type: WO
WATCHDOG Service Data Match Register (WDSDM)
The WDSDM register is a byte-wide, write-only register. When WDSDME in TWCFG register is set, the WATCHDOG count-
ing restarts from the value in WDCNT, when WDSDM is written with 5C16. If any other data is written to this register, it trig-
gers a WATCHDOG signal. If RSDATA is written more than once per three WATCHDOG clock cycles, a WATCHDOG signal
is also triggered. When the WDSDME bit is cleared, a write to this register is ignored.
Location: 00 FEEA16
Type: WO
Bit
76543210
Name
Reserved
WDLTD
Reserved
TC
RST
Reset
00000000
Bit
Description
0
RST (Reset). When set (1), forces the timer to restart counting in the next input clock rising edge. The bit is
cleared by the input clock rising edge, indicating that the counter resumed its automatic re-triggerable operation.
Writing 0 to this bit is ignored.
1
TC (Terminal Count). Indicates that the counter has reached zero (terminal count). This bit is cleared each time
the register is read. It is a read-only bit and data written to it is ignored.
2
Reserved.
3
WDLTD (WATCHDOG Last Touch Delay). The bit is set when the WDCNT is written. It is cleared after
WATCHDOG is updated. (After WATCHDOG is updated, it is safe to switch to Idle mode.)
7-4
Reserved.
Bit
76543210
Name
PRESET
Reset
00001111
Bit
Description
7-0
PRESET. Defines the counter preset value.
Bit
76543210
Name
RSDATA
Bit
Description
7-0
RSDATA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com