Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 167 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 167 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 163Page - National Semiconductor (TI) PC87591L Datasheet HTML 164Page - National Semiconductor (TI) PC87591L Datasheet HTML 165Page - National Semiconductor (TI) PC87591L Datasheet HTML 166Page - National Semiconductor (TI) PC87591L Datasheet HTML 167Page - National Semiconductor (TI) PC87591L Datasheet HTML 168Page - National Semiconductor (TI) PC87591L Datasheet HTML 169Page - National Semiconductor (TI) PC87591L Datasheet HTML 170Page - National Semiconductor (TI) PC87591L Datasheet HTML 171Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
167
www.national.com
Timer and WATCHDOG Clock Pre-Scaler Register (TWCP)
The TWCP register is a byte-wide, read/write register. It defines the pre-scale ratio of the input clock and generates the T0IN
clock. On reset, the non-reserved bits of TWCP are initialized to 0.
Location: 00 FEE216
Type: R/W
TWD Timer 0 Register (TWDT0)
The TWDT0 register is a read/write register. It defines the T0OUT interrupt rate. On reset, this register is initialized to
FFFF16.
Location: 00 FEE416
Type: R/W
5
WDSDME. Selects the WATCHDOG touch mechanism
0: Disables the WATCHDOG service using WDSDM register. In this case, the WATCHDOG should be serviced
by writing a value to WDCNT register. When this bit is cleared, write operations to WDSDM are ignored.
1: Selects the use of data match using the WDSDM mechanism.
7-6
Reserved.
Bit
76543210
Name
Reserved
MDIV
Reset
00000000
Bit
Description
2-0
MDIV. Defines the pre-scale ratio of the input clock. The pre-scale ratio is 2MDIV. The value of MDIV must be in
the range of 0-5, providing a pre-scale ratio of 1 to 32.
MDIV allowed values:
Bits
2 1 0
Clock Ratio
0 0 0:
1:1
0 0 1:
1:2
0 1 0:
1:4
0 1 1:
1:8
1 0 0:
1:16
1 0 1:
1:32
Other
Reserved
7-3
Reserved.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
PRESET
Reset
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Bit
Description
15-0
PRESET. Defines the counter preset value. Whenever the counter reaches zero, it starts counting down from
this value. The T0OUT frequency is the T0IN frequency divided by (PRESET+1). The allowed values of the
PRESET field are 000116 through FFFF16.
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com