Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 162 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 162 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 158Page - National Semiconductor (TI) PC87591L Datasheet HTML 159Page - National Semiconductor (TI) PC87591L Datasheet HTML 160Page - National Semiconductor (TI) PC87591L Datasheet HTML 161Page - National Semiconductor (TI) PC87591L Datasheet HTML 162Page - National Semiconductor (TI) PC87591L Datasheet HTML 163Page - National Semiconductor (TI) PC87591L Datasheet HTML 164Page - National Semiconductor (TI) PC87591L Datasheet HTML 165Page - National Semiconductor (TI) PC87591L Datasheet HTML 166Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
162
Revision 1.07
Interrupt Control Register (UICTRL)
This byte-wide register contains the interrupt enable bits and the interrupt status flags. The register is set to 0116 on reset.
Location: 00 FD2416
Type: Varies per bit
4.9.5
Usage Hints
Calculating the Baud Rate in Asynchronous Mode
The equation for calculating the baud rate is:
BR = SYS_CLK/(16xNxP)
where:
●
BR is the baud rate
●
SYS_CLK is the system clock
●
N is the value of the baud rate divisor + 1
●
P is the pre-scaler divide factor selected by the value in the PSR register
Assuming a system clock of 5 MHz and a desired baud rate of 9600, the NxP term, according to the equation above, is:
NxP = (5x10
6)/(16x9600) = 32.552
The NxP term is then divided by each pre-scaler factor in Table 21 on page 156 to obtain a value closest to an integer. The
factor for this example is 6.5:
N = 32.552/6.5 = 5.008 (N = 5)
Bit
76543210
Name
EEI
ERI
ETI
Reserved
RBF
TBE
Reset
00000001
Bit
Type
Description
0RO
TBE. The bit is set by the hardware when the USART transfers data from UTBUF register to TSFT
register for transmission. It is automatically cleared on the next write to UTBUF register. The bit is set
on reset.
0: Transmit buffer not empty
1: Transmit buffer empty
1RO
RBF. The bit is set by the hardware when the USART has received a complete data frame and
transferred the data from RSFT register to URBUF register. The bit is automatically cleared when
RBUF register is read.
0: Receive buffer not full. New data has not been transferred to RBUF since the last time it was read.
1: Receive buffer full. RBUF contains new data since the last time it was read.
4-2
Reserved.
5
R/W
ETI. An interrupt is generated when the TBE flag is set. Read/write bit.
0: Disable transmitter interrupt
1: Enable transmitter interrupt
6
R/W
ERI. An RX interrupt is generated when the RBF flag is set. Read/write bit.
0: Disable receiver interrupt
1: Enable receiver interrupt
7
R/W
ETI. An RX interrupt is generated when the ERR flag is set, indicating that a receive error has
occurred.
0: Disable receive error interrupt
1: Enable receive error interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com